Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF6519PCK-410 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF6519PCK-410
Description  3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6519PCK-410 Datasheet(HTML) 3 Page - RF Micro Devices

  RF6519PCK-410 Datasheet HTML 1Page - RF Micro Devices RF6519PCK-410 Datasheet HTML 2Page - RF Micro Devices RF6519PCK-410 Datasheet HTML 3Page - RF Micro Devices RF6519PCK-410 Datasheet HTML 4Page - RF Micro Devices RF6519PCK-410 Datasheet HTML 5Page - RF Micro Devices RF6519PCK-410 Datasheet HTML 6Page - RF Micro Devices RF6519PCK-410 Datasheet HTML 7Page - RF Micro Devices RF6519PCK-410 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
RF6519
DS120611
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Low Gain Mode
VCC_LNA = 4.2V, TXRX_SEL Logic = LOW,
LNA_SEL Logic = LOW
Insertion Loss
4.25
5.1
5.5
dB
Input IP3
12
18
dBm
Input Return Loss
10
dB
Output Return Loss
10
dB
Operating Current
3.0
4.0
mA
Transmit/Receive Switch
Frequency Range
868
902 to 928
MHz
Insertion Loss
ISW_COM to ISW_TX
0.4
0.5
dB
TXRX_SEL = LOW
Isolation
ISW_COM to ISW_TX
20
25
dB
ISW-COM at Pin 2 to ISW-TX at Pin 28,
TXRX_SEL Logic = HIGH
TX-RX
20
25
dB
TX or Rx State
Return Loss
ISW_COM
-30
dB
Measured at Pin 2, TXRX_SEL Logic = LOW
ISW_TX
-35
dB
Measured at Pin 28, TXRX_SEL Logic = LOW
Antenna Switch
Insertion Loss ANT1 - ASWRX
0.8
1.0
dB
Pin 18 to Pin 11, TXRX_SEL = HIGH, ANT_SEL =
HIGH
Insertion Loss ANT2 - ASWRX
0.8
1.0
dB
Pin 16 to Pin 11, TXRX_SEL = HIGH, ANT_SEL =
LOW
Isolation
20
dB
Any used port to any unused port
ANT1 Port Return Loss (Tx Mode)
8
12
dB
Measured at Pin 18, TXRX_SEL = LOW,
ANT_SEL Logic = HIGH
ANT2 Port Return Loss (Tx Mode)
8
12
dB
Measured at Pin 16, TXRX_SEL = LOW,
ANT_SEL Logic = LOW
ASWRX Port Return Loss
15
20
dB
Measured at Pin 11, TXRX_SEL Logic = High,
ANT1 or ANT2 State
ANT1 Port Return Loss (RX Mode)
15
20
dB
Measured at Pin 18, TXRX_SEL = HIGH,
ANT_SEL Logic = HIGH
ANT2 Port Return Loss (RX Mode)
15
20
dB
Measured at Pin 16, TXRX_SEL = HIGH,
ANT_SEL Logic = LOW
Logic Circuit and Power
Supply
VCC_DIG
3.0
3.3
3.6
V
Digital Supply Voltage - see note 1
VCC_DIG Supply Current - Rx Mode
0.75
3.0
mA
In any Module Rx Mode
VCC_DIG Supply Current - Tx Mode
3.0
10.0
mA
In any Module Tx Mode
VCC_DIG Power Down Current
3
20
A
All Four Logic Inputs = LOW
Select Control Logic - HIGH
2.8
3.1
3.4
V
All Four Logic I/O’s - see note 2
Select Control Logic - LOW
0
0.2
0.3
V
All Four Logic I/O’s
Select Control Logic HIGH Current
5
10
AAll Four Logic I/O’s
Select Control Logic LOW Current
0.1
2
AAll Four Logic I/O’s (sink current)
Notes:
1. VCC_DIG is regulated voltage input to FEM and always “ON”.
2. Select Control Voltages are same supply, regulated, standard CMOS inputs.


Similar Part No. - RF6519PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6514 RFMD-RF6514 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514PCK-410 RFMD-RF6514PCK-410 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514SR RFMD-RF6514SR Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514TR7 RFMD-RF6514TR7 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6515 RFMD-RF6515 Datasheet
1Mb / 11P
   3.3V, 2.4GHz FRONT-END MODULE
More results

Similar Description - RF6519PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
   3.3V TO 4.0V,915MHz Transmit/Receive Module
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
   915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
   3.1V to 4.0V, 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
   3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
RF Micro Devices
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
   3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
Qorvo, Inc
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
RF Micro Devices
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com