Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF6519SR Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6519SR
Description  3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6519SR Datasheet(HTML) 2 Page - RF Micro Devices

  RF6519SR Datasheet HTML 1Page - RF Micro Devices RF6519SR Datasheet HTML 2Page - RF Micro Devices RF6519SR Datasheet HTML 3Page - RF Micro Devices RF6519SR Datasheet HTML 4Page - RF Micro Devices RF6519SR Datasheet HTML 5Page - RF Micro Devices RF6519SR Datasheet HTML 6Page - RF Micro Devices RF6519SR Datasheet HTML 7Page - RF Micro Devices RF6519SR Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF6519
DS120611
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5
V
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
ESD Human Body Model RF Pins
500
V
ESD Human Body Model All Other
Pins
500
V
ESD Charge Device Model All Pins
500
V
Moisture Sensitivity Level
MSL 3
Maximum Input Power to PA and
LNA (no damage)
+5
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Amplifier
PA_VCC = 4.2V, TXRX_SEL Logic = LOW, Pin =
0dBm at Pin 27
Frequency Range
868
902 to 928
MHz
Operating Output Power
26
dBm
CW Output Power
25
27
dBm
Near Saturation
Gain
27
30
35
dB
Output Harmonic Levels
2nd
-20
dBc
3rd
-50
dBc
4th through 10th
-60
dBc
Input Return Loss
10
dB
Ruggedness
6:1
All phase angles, no damage
Power Supply Voltage
3.3
4.2
5.0
V
Current
Operating
275
380
mA
Power Down Current
0.5
5
uA
PD_SEL Logic = 0.0V
Low Noise Amplifier
Frequency Range
868
902 to 928
MHz
Power Supply Voltage
4
4.2
5
V
LNA_VCC
Power Down Current
0.1
1
uA
LNA_VCC = 5V, PD_SEL = LOW
High Gain Mode
LNA_VCC = 4.2V, TXRX_SEL Logic = HIGH,
LNA_SEL Logic = HIGH
Gain
15
17
22
dB
LNA-IN Port at Pin 10 to ISW-COM Port at Pin 2
Noise Figure
1.5
2
dB
Input IP3
5
8
dBm
Input Return Loss
8
10
dB
Measured at LNA-IN Port at Pin 10
Output Return Loss
8
10
dB
Measured at ISW-COM Port at Pin 2
Operating Current
8
10
11
mA
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - RF6519SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6514 RFMD-RF6514 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514PCK-410 RFMD-RF6514PCK-410 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514SR RFMD-RF6514SR Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514TR7 RFMD-RF6514TR7 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6515 RFMD-RF6515 Datasheet
1Mb / 11P
   3.3V, 2.4GHz FRONT-END MODULE
More results

Similar Description - RF6519SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
   3.3V TO 4.0V,915MHz Transmit/Receive Module
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
   915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
   3.1V to 4.0V, 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
   3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
RF Micro Devices
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
   3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
Qorvo, Inc
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
RF Micro Devices
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com