Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF6515 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF6515
Description  3.3V, 2.4GHz FRONT-END MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6515 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF6515 Datasheet HTML 2Page - RF Micro Devices RF6515 Datasheet HTML 3Page - RF Micro Devices RF6515 Datasheet HTML 4Page - RF Micro Devices RF6515 Datasheet HTML 5Page - RF Micro Devices RF6515 Datasheet HTML 6Page - RF Micro Devices RF6515 Datasheet HTML 7Page - RF Micro Devices RF6515 Datasheet HTML 8Page - RF Micro Devices RF6515 Datasheet HTML 9Page - RF Micro Devices RF6515 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6 of 11
RF6515
DS120904
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
balanced line*
1uF
VCC
* These lines need to be balanced 100
 and should be short relative to a wavelength at the frequency of operation.
balanced line*
0.1uF
16
17
19
20
3
1
4
7
8
9
10
12
14
15
18
5
6
11
13
2
4.3 nH
1.8nH
N/C
PAEN
ANT
RXN
RXP
TXN
TXP
RXCT
50 Ohms
50 Ohms
100 Ohms
100 Ohms
100 Ohms
100 Ohms
50 Ohms
N/C
N/C
N/C
N/C
N/C
ISO
TXCT


Similar Part No. - RF6515

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6514 RFMD-RF6514 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514PCK-410 RFMD-RF6514PCK-410 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514SR RFMD-RF6514SR Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514TR7 RFMD-RF6514TR7 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6519 RFMD-RF6519 Datasheet
442Kb / 8P
   3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
More results

Similar Description - RF6515

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
   3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201 RFMD-RFFM4201 Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
   3.0V TO 4.2V, 2.4GHz FRONT END MODULE
logo
Qorvo, Inc
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com