Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF6515 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF6515
Description  3.3V, 2.4GHz FRONT-END MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6515 Datasheet(HTML) 4 Page - RF Micro Devices

  RF6515 Datasheet HTML 1Page - RF Micro Devices RF6515 Datasheet HTML 2Page - RF Micro Devices RF6515 Datasheet HTML 3Page - RF Micro Devices RF6515 Datasheet HTML 4Page - RF Micro Devices RF6515 Datasheet HTML 5Page - RF Micro Devices RF6515 Datasheet HTML 6Page - RF Micro Devices RF6515 Datasheet HTML 7Page - RF Micro Devices RF6515 Datasheet HTML 8Page - RF Micro Devices RF6515 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RF6515
DS120904
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF6515 Biasing Instructions
TX Mode
• With the RF source disabled, apply 3.3V to VCC with PAEN set to 0V
•Apply 1.8V to PAEN
•VCC current should rise to 70mA to 80mA quiescent current
• Enable the RF source; VCC current should rise to a maximum of 200mA depending on output power
RX Mode
• With the RF source disabled, apply 3.3V to VCC with PAN set to 0V
• VCC current should rise to 100uA
• Enable the RF source
Pin
Function
Description
1NC
No connect. This pin is not connected internally . It can be left floating or connected to ground.
2NC
No connect. This pin is not connected internally . It can be left floating or connected to ground.
3NC
No connect. This pin is not connected internally . It can be left floating or connected to ground.
4PAEN
Enable pin for PA + TX switch (HIGH) and RX switch (LOW). See Control Logic Table for operation.
5NC
No connect. This pin is not connected internally . It can be left floating or connected to ground.
6NC
No connect. This pin is not connected internally . It can be left floating or connected to ground.
7GND
Ground.
8ANT
This is the common port (antenna). It is matched to 50Ω and DC-block is provided internally
9GND
Ground.
10
VCC
Voltage Supply. An external 1uF capacitor might be needed for low frequency decoupling
11
ISO
No connect pin. Must be left floating.
12
VCC
Voltage Supply. An external 1uF capacitor might be needed for low frequency decoupling
13
VCC
Voltage Supply. An external 1 uF capacitor might be needed for low frequency decoupling
14
NC
No connect. This pin is not connected internally . It can be left floating or connected to ground.
15
TXCT
Center tap for passing thru voltage to TXVR SOIC.
16
TXN
Single Ended; 200Ω differential.
17
TXP
Single Ended; 200Ω differential.
18
RXCT
Center tap for passing thru voltage to TXVR SOIC.
19
RXBN
Single Ended; 200Ω differential.
20
RXBP
Single Ended; 200Ω differential.
Mode
PAEN (Logic)
VBATT_PA (mA)
PAEN (mA
TX-ANT
HIGH
170
0.01
RX-ANT
LOW
0.0001
0.0001
Operating currents at nominal conditions.


Similar Part No. - RF6515

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6514 RFMD-RF6514 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514PCK-410 RFMD-RF6514PCK-410 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514SR RFMD-RF6514SR Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514TR7 RFMD-RF6514TR7 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6519 RFMD-RF6519 Datasheet
442Kb / 8P
   3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
More results

Similar Description - RF6515

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
   3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201 RFMD-RFFM4201 Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
   3.0V TO 4.2V, 2.4GHz FRONT END MODULE
logo
Qorvo, Inc
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com