Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF6509 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF6509
Description  2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6509 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF6509 Datasheet HTML 4Page - RF Micro Devices RF6509 Datasheet HTML 5Page - RF Micro Devices RF6509 Datasheet HTML 6Page - RF Micro Devices RF6509 Datasheet HTML 7Page - RF Micro Devices RF6509 Datasheet HTML 8Page - RF Micro Devices RF6509 Datasheet HTML 9Page - RF Micro Devices RF6509 Datasheet HTML 10Page - RF Micro Devices RF6509 Datasheet HTML 11Page - RF Micro Devices RF6509 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8 of 12
RF6509
DS121128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
Note: 1. If extra isolation is needed between Tx and Rx path, the filter can be used otherwise for <50dB isolation, 50
 micro-
strip shoud be okay.
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Ou tp u t
In p u t
10
In p u t
Ou tp u t
N/C
V2 S 2
V1 S 2
50
  strip
J1
AN T
V3 S 2
C1
10 u F
C2
68 p F
PA V cc2
C3
0.1 u F
PA b ia s
LN A V re f LN A V s e l LN A V c c
V3 S 1
50
  strip
J2
RX o u t/T X in
V1 S 1
V2 S 1
50
  strip
C4
0.1 u F
C6
10 u F
P A V cc1
C5
0.1 u F
PA V re g
RX F ilte r
RX F ilte r
N/C
N/C


Similar Part No. - RF6509

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6509 QORVO-RF6509 Datasheet
857Kb / 12P
   2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
RF6509PCK-410 QORVO-RF6509PCK-410 Datasheet
857Kb / 12P
   2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
More results

Similar Description - RF6509

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6509 QORVO-RF6509 Datasheet
857Kb / 12P
   2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
logo
Murata Power Solutions ...
SN3020 MURATA-PS-SN3020 Datasheet
486Kb / 26P
   Smart Energy Module
logo
Maxim Integrated Produc...
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
   Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
logo
World Produts Inc.
WPANT40001 WPI-WPANT40001 Datasheet
208Kb / 4P
   Flexible Cellular Antenna for Smart Meters (AMI)
logo
Skyworks Solutions Inc.
SE2438T SKYWORKS-SE2438T Datasheet
1Mb / 13P
   Smart Energy Front-End Module
logo
Maxim Integrated Produc...
MAX2235 MAXIM-MAX2235 Datasheet
149Kb / 8P
   3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
19-1463; Rev 0; 5/99
MAX2601 MAXIM-MAX2601 Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2601 MAXIM-MAX2601_08 Datasheet
93Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
Rev 3; 9/08
logo
Elite Semiconductor Mem...
F59L4G81A ESMT-F59L4G81A Datasheet
1Mb / 54P
   Voltage Supply: 3.3V (2.7V ~ 3.6V)
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com