Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2862 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2862
Description  60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2862 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2862_15 Datasheet HTML 3Page - Linear Technology LTC2862_15 Datasheet HTML 4Page - Linear Technology LTC2862_15 Datasheet HTML 5Page - Linear Technology LTC2862_15 Datasheet HTML 6Page - Linear Technology LTC2862_15 Datasheet HTML 7Page - Linear Technology LTC2862_15 Datasheet HTML 8Page - Linear Technology LTC2862_15 Datasheet HTML 9Page - Linear Technology LTC2862_15 Datasheet HTML 10Page - Linear Technology LTC2862_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTC2862/LTC2863/
LTC2864/LTC2865
7
2862345fc
For more information www.linear.com/LTC2862
Typical perForMance characTerisTics
Driver Output Short-Circuit
Current vs Voltage
Driver Output Low/High Voltage
vs Output Current
Driver Differential Output Voltage
vs Temperature
Supply Current vs Data Rate
Driver Skew vs Temperature
Driver Propagation Delay vs
Temperature
TA = 25°C, VCC = VL = 3.3V, unless otherwise noted.
Supply Current vs Temperature
Supply Current vs VCC
OUTPUT CURRENT (mA)
0
0.0
2.0
1.5
1.0
0.5
2.5
3.0
3.5
10
20
30
40
2862345 G07
50
VOH
VOL
TEMPERATURE (°C)
–50
1.5
1.9
1.7
2.1
2.3
2.5
0
50
100
2862345 G08
150
RDIFF = 100
RDIFF = 54
TEMPERATURE (°C)
–50
–1.5
0.0
–0.5
–1.0
0.5
1.0
1.5
0
50
100
2862345 G04
150
0
60
40
20
100
80
120
SLEW LIMITED
NON SLEW LIMITED
RDIFF = 54
CL = 100pF
TEMPERATURE (°C)
–50
20
25
30
35
0
50
100
2862345 G05
150
700
800
900
1000
SLEW LIMITED
NON SLEW LIMITED
RDIFF = 54
CL = 100pF
VCC (V)
3.0
0
2.0
1.5
1.0
0.5
2.5
3.0
3.5
4.5
3.5
4.0
4.5
5.0
2862345 G01
5.5
4.0
ICCTRS
ICCTR
SUPPLY CURRENT (mA)
30
35
0
8
4
12
16
20
40
45
50
55
2862345 G03
60
0
100
50
200
150
250
SLEW LIMITED
NON SLEW LIMITED
RDIFF = 54
CL = 100pF
OUTPUT VOLTAGE (V)
–60
–200
0
–50
–100
–150
150
100
50
200
–40
0
–20
20
40
2862345 G06
60
OUTPUT LOW
OUTPUT HIGH
TEMPERATURE (°C)
–50
0.1
10
1
100
10000
0
50
100
2862345 G02
150
1000
ICCTR
ICCS
ICCTRS
VL Supply Current vs Data Rate
DATA RATE (Mbps)
0
0
200
100
300
400
500
600
5
10
15
2862345 G09
20
CL (RO) = 15pF
VCC = 5V
VL = 5V
VL = 2.5V
VL = 3.3V
VL = 1.8V


Similar Part No. - LTC2862_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC2862-5 AD-LTC2862-5 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
logo
Linear Technology
LTC2862A LINER-LTC2862A Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
logo
Analog Devices
LTC2862A AD-LTC2862A Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2862A AD-LTC2862A Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
LTC2862A-1 AD-LTC2862A-1 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
More results

Similar Description - LTC2862_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
logo
Analog Devices
LTC2862A AD-LTC2862A_V01 Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com