Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2377-20 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2377-20
Description  20-Bit, 500ksps, Low Power SAR ADC with 0.5ppm INL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2377-20 Datasheet(HTML) 2 Page - Linear Technology

  LTC2377-20_15 Datasheet HTML 1Page - Linear Technology LTC2377-20_15 Datasheet HTML 2Page - Linear Technology LTC2377-20_15 Datasheet HTML 3Page - Linear Technology LTC2377-20_15 Datasheet HTML 4Page - Linear Technology LTC2377-20_15 Datasheet HTML 5Page - Linear Technology LTC2377-20_15 Datasheet HTML 6Page - Linear Technology LTC2377-20_15 Datasheet HTML 7Page - Linear Technology LTC2377-20_15 Datasheet HTML 8Page - Linear Technology LTC2377-20_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
//htmlimg2.alldatasheet.com/htmldatasheet2/717258/LINER/LTC2377-20_15/318/2/LTC2377-20_15.png


Similar Part No. - LTC2377-20_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2377-20 LINER-LTC2377-20 Datasheet
999Kb / 26P
   16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2377-20 LINER-LTC2377-20 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2377-20 LINER-LTC2377-20 Datasheet
992Kb / 26P
   16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2377-20 LINER-LTC2377-20 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2377-20 LINER-LTC2377-20 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2377-20_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2376-20 LINER-LTC2376-20_15 Datasheet
980Kb / 30P
   20-Bit, 250ksps, Low Power SAR ADC with 0.5ppm INL
LTC2378-20 LINER-LTC2378-20_15 Datasheet
975Kb / 28P
   20-Bit, 1Msps, Low Power SAR ADC with 0.5ppm INL
LTC2378-20 LINER-LTC2378-20 Datasheet
1Mb / 28P
   20-Bit, 1Msps, Low Power SAR ADC with 0.5ppm INL
LTC2377-16 LINER-LTC2377-16_15 Datasheet
764Kb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with 97dB SNR
LTC2382-16 LINER-LTC2382-16_15 Datasheet
1Mb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
   18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
LTC2382-16 LINER-LTC2382-16 Datasheet
1Mb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
LTC2392-16 LINER-LTC2392-16 Datasheet
290Kb / 24P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2392-16 LINER-LTC2392-16_15 Datasheet
330Kb / 26P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2372-16 LINER-LTC2372-16_15 Datasheet
2Mb / 50P
   16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com