Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2272 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2272
Description  16-Bit, 80Msps/65Msps Serial Output ADC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2272 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2272_15 Datasheet HTML 6Page - Linear Technology LTC2272_15 Datasheet HTML 7Page - Linear Technology LTC2272_15 Datasheet HTML 8Page - Linear Technology LTC2272_15 Datasheet HTML 9Page - Linear Technology LTC2272_15 Datasheet HTML 10Page - Linear Technology LTC2272_15 Datasheet HTML 11Page - Linear Technology LTC2272_15 Datasheet HTML 12Page - Linear Technology LTC2272_15 Datasheet HTML 13Page - Linear Technology LTC2272_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
LTC2273/LTC2272
10
22732fa
SAMPLE RATE (Msps)
20
70
45
95
120
22732
G25
240
280
320
360
400
VDD = 3.3V
VDD = 3.47V
VDD = 3.13V
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2273: 64k Point FFT,
fIN = 250.2MHz, –1dBFS, PGA = 1
LTC2273: SFDR vs Input
Frequency
LTC2273: SNR vs Input Frequency
LTC2273: SNR and SFDR vs
Sample Rate, fIN = 5.1MHz
LTC2273: SNR and SFDR vs
Supply Voltage (VDD),
fIN = 5.2MHz
LTC2273: SFDR vs Analog Input
Common Mode Voltage, 5MHz
and 70MHz, –1dBFS
LTC2273: IVDD vs Sample Rate,
5MHz Sine, –1dBFS
FREQUENCY (MHz)
0
10
20
30
40
22732
G19
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT FREQUENCY (MHz)
0
200
22732
G20
400
300
100
PGA = 1
PGA = 0
65
70
75
80
85
90
95
100
105
INPUT FREQUENCY (MHz)
0
200
22732
G21
400
300
100
PGA = 1
PGA = 0
70
72
74
76
78
SAMPLE RATE (Msps)
20
100
60
22732
G22
120
80
40
SFDR
SNR
70
75
80
85
90
95
100
105
110
SUPPLY VOLTAGE (V)
2.8
3.2
22732
G23
3.4
3.0
SFDR
SNR
70
75
80
85
90
95
100
105
110
ANALOG INPUT COMMON MODE VOLTAGE (V)
0.50
0.75
1.00
1.25
1.50
1.75
22732
G24
2.00
60
65
70
75
80
85
90
95
100
105
110
5MHz
70MHz
VDD = 3.3V, OVDD = 1.5V, TA = 25°C, FS = 80Msps,
unless otherwise noted.


Similar Part No. - LTC2272_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2272CUJ LINER-LTC2272CUJ Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272CUJ-PBF LINER-LTC2272CUJ-PBF Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272CUJ-TR LINER-LTC2272CUJ-TR Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272CUJ-TRPBF LINER-LTC2272CUJ-TRPBF Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272IUJ LINER-LTC2272IUJ Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
More results

Similar Description - LTC2272_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2273 LINER-LTC2273_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2273 LINER-LTC2273 Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2216 LINER-LTC2216 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2259-16 LINER-LTC2259-16 Datasheet
323Kb / 28P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
LTC2259-16 LINER-LTC2259-16_15 Datasheet
367Kb / 30P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com