Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS3016SSSA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMS3016SSSA
Description  N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3016SSSA Datasheet(HTML) 2 Page - Diodes Incorporated

  DMS3016SSSA_15 Datasheet HTML 1Page - Diodes Incorporated DMS3016SSSA_15 Datasheet HTML 2Page - Diodes Incorporated DMS3016SSSA_15 Datasheet HTML 3Page - Diodes Incorporated DMS3016SSSA_15 Datasheet HTML 4Page - Diodes Incorporated DMS3016SSSA_15 Datasheet HTML 5Page - Diodes Incorporated DMS3016SSSA_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMS3016SSSA
Document number: DS35073 Rev. 1 - 2
2 of 6
www.diodes.com
October 2010
© Diodes Incorporated
DMS3016SSSA
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 4) VGS = 4.5V
Steady
State
TA = 25°C
TA = 85°C
ID
9.8
6.3
A
Pulsed Drain Current (Note 5)
IDM
90
A
Avalanche Current (Note 5) (Note 6)
IAR
13
A
Repetitive Avalanche Energy (Note 5) (Note 6) L = 0.3mH
EAR
25.4
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
1.54
W
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 4)
RθJA
81
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @ TA = 25°C unless otherwise stated
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
-
-
1.0
mA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1.0
-
2.3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
9
13
VGS = 10V, ID = 9.8A
-
11
16
VGS = 4.5V, ID = 9.8A
Forward Transfer Admittance
|Yfs|
-
11
-
S
VDS = 5V, ID = 9.8A
Diode Forward Voltage
VSD
-
0.35
0.6
V
VGS = 0V, IS = 1A
Maximum Body-Diode + Schottky Continuous Current
IS
-
-
5
A
-
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
-
1849
-
pF
VDS =15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
158
-
pF
Reverse Transfer Capacitance
Crss
-
123
-
pF
Gate Resistance
Rg
0.53
2.68
4.82
Ω
VDS =0V, VGS = 0V, f = 1MHz
Total Gate Charge VGS = 4.5V
Qg
-
18.5
-
nC
VDS = 15V, VGS = 10V,
ID = 9.8A
Total Gate Charge VGS = 10V
Qg
-
43
-
nC
Gate-Source Charge
Qgs
-
4.7
-
nC
Gate-Drain Charge
Qgd
-
4.0
-
nC
Turn-On Delay Time
tD(on)
-
6.62
-
ns
VGS = 10V, VDS = 10V,
RG = 3Ω, RL = 1.2Ω
Turn-On Rise Time
tr
-
8.73
-
ns
Turn-Off Delay Time
tD(off)
-
36.41
-
ns
Turn-Off Fall Time
tf
-
4.69
-
ns
Notes:
4. Device mounted on minimum recommended layout. The value in any given application depends on the user’s specific board design.
5. Repetitive rating, pulse width limited by junction temperature.
6. IAR and EAR rating are based on low frequency and duty cycles to keep TJ = 25°C
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMS3016SSSA_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMS3016SSSA-13 DIODES-DMS3016SSSA-13 Datasheet
163Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMS3016SSSA_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMS3014SSS DIODES-DMS3014SSS Datasheet
163Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32265 Rev. 3 - 2
DMS3015SSS DIODES-DMS3015SSS Datasheet
157Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32096 Rev. 4 - 2
DMG4710SSS DIODES-DMG4710SSS Datasheet
175Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
logo
Anpec Electronics Corop...
APM2800B ANPEC-APM2800B Datasheet
224Kb / 11P
   N-Channel Enhancement Mode MOSFET with Schottky Diode
logo
Diodes Incorporated
DMG4712SSS DIODES-DMG4712SSS Datasheet
159Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32040 Rev. 5 - 2
DMG4812SSS DIODES-DMG4812SSS Datasheet
160Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS35071 Rev. 2 - 2
DMS3016SSS DIODES-DMS3016SSS Datasheet
167Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32266 Rev. 3 - 2
DMS3016SFG DIODES-DMS3016SFG_15 Datasheet
218Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
DMG7702SFG DIODES-DMG7702SFG Datasheet
185Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
logo
Sinopower Semiconductor...
SM1691OSCS SINOPWER-SM1691OSCS Datasheet
260Kb / 12P
   Single N-Channel Enhancement Mode MOSFET with Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com