Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2262-12 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2262-12
Description  12-Bit, 150Msps Ultralow Power 1.8V ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2262-12 Datasheet(HTML) 1 Page - Linear Technology

  LTC2262-12_15 Datasheet HTML 1Page - Linear Technology LTC2262-12_15 Datasheet HTML 2Page - Linear Technology LTC2262-12_15 Datasheet HTML 3Page - Linear Technology LTC2262-12_15 Datasheet HTML 4Page - Linear Technology LTC2262-12_15 Datasheet HTML 5Page - Linear Technology LTC2262-12_15 Datasheet HTML 6Page - Linear Technology LTC2262-12_15 Datasheet HTML 7Page - Linear Technology LTC2262-12_15 Datasheet HTML 8Page - Linear Technology LTC2262-12_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2262-12
1
226212fc
For more information www.linear.com/LTC2262-12
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
12-Bit, 150Msps
Ultralow Power 1.8V ADC
n
Communications
n
Cellular Base Stations
n
Software Defined Radios
n
Portable Medical Imaging
n
Multi-Channel Data Acquisition
n
Nondestructive Testing
n
70.5dB SNR
n
88dB SFDR
n
Low Power: 146mW
n
Single 1.8V Supply
n
CMOS, DDR CMOS or DDR LVDS Outputs
n
Selectable Input Ranges: 1VP-P to 2VP-P
n
800MHz Full-Power Bandwidth S/H
n
Optional Data Output Randomizer
n
Optional Clock Duty Cycle Stabilizer
n
Shutdown and Nap Modes
n
Serial SPI Port for Configuration
n
Pin Compatible 14-Bit and 12-Bit Versions
n
40-Pin (6mm
× 6mm) QFN Package
The LTC®2262-12 is a sampling 12-bit A/D converter
designedfordigitizinghighfrequency,widedynamicrange
signals.TheLTC2262-12isperfectfordemandingcommu-
nications applications with AC performance that includes
70.5dBSNRand88dBspuriousfreedynamicrange(SFDR).
Ultralow jitter of 0.17psRMS allows undersampling of IF
frequencies with excellent noise performance.
DC specs include ±0.3LSB INL (typical), ±0.1LSB DNL
(typical) and no missing codes over temperature. The
transition noise is a low 0.3LSBRMS.
The digital outputs can be either full rate CMOS, double
data rate CMOS, or double data rate LVDS. A separate
output power supply allows the CMOS output swing to
range from 1.2V to 1.8V.
The ENC+ and ENCinputs may be driven differentially
or single-ended with a sine wave, PECL, LVDS, TTL or
CMOS inputs. An optional clock duty cycle stabilizer al-
lows high performance at full speed for a wide range of
clock duty cycles.
LTC2262-12 2-Tone FFT,
fIN = 68MHz and 69MHz
+
INPUT
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
12-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE
CONTROL
D11
D0
150MHz
CLOCK
ANALOG
INPUT
226212 TA01a
CMOS
OR
LVDS
1.2V
TO 1.8V
1.8V
VDD
OVDD
OGND
GND
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
70
60
226212 TA01b
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LTC2262-12_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2262-14 LINER-LTC2262-14 Datasheet
439Kb / 24P
   10GHz GBW, 1.1nV/Hz Differential Amplifier/ADC Driver
LTC2262-14 LINER-LTC2262-14 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2262-14 LINER-LTC2262-14 Datasheet
4Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2262-14 LINER-LTC2262-14 Datasheet
1Mb / 36P
   12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2262-14 LINER-LTC2262-14 Datasheet
1,020Kb / 36P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
More results

Similar Description - LTC2262-12_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2262-14 LINER-LTC2262-14_15 Datasheet
669Kb / 28P
   14-Bit, 150Msps Ultralow Power 1.8V ADC
LTC2259-16 LINER-LTC2259-16 Datasheet
323Kb / 28P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
LTC2259-16 LINER-LTC2259-16_15 Datasheet
367Kb / 30P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
logo
Texas Instruments
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
logo
Maxim Integrated Produc...
MAX1114 MAXIM-MAX1114 Datasheet
114Kb / 12P
   8-Bit, 150Msps Flash ADC
19-1101; Rev 0; 6/96
logo
Texas Instruments
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com