Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5722 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5722
Description  3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5722 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF5722 Datasheet HTML 2Page - RF Micro Devices RF5722 Datasheet HTML 3Page - RF Micro Devices RF5722 Datasheet HTML 4Page - RF Micro Devices RF5722 Datasheet HTML 5Page - RF Micro Devices RF5722 Datasheet HTML 6Page - RF Micro Devices RF5722 Datasheet HTML 7Page - RF Micro Devices RF5722 Datasheet HTML 8Page - RF Micro Devices RF5722 Datasheet HTML 9Page - RF Micro Devices RF5722 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
RF5722
DS110619
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Theory of Operation and Application Information
The RF5722 is a two-stage power amplifier (PA) with a minimum gain of 24dB minimum gain in the 2.4GHz to 2.5GHz ISM
band. The RF5722 has integrated input, interstage and output matching components thus allowing minimal bill of material
(BOM) parts count in end applications. The RF5722 is designed primarily for IEEE802.11b/g/n WiFi applications where the
available supply voltage and current are limited. This amplifier will operate to (and below) the lowest expected voltage made
available by a typical PCMCIA slot in a laptop PC, and will maintain required linearity at decreased supply voltages.
The RF5722 requires only a single positive supply of 3.3V nominal (or greater) to operate to full specifications. Power control is
provided through one bias control input pin (VREG). DC blocking caps are provided internally and the evaluation board circuit
(available from RF Micro Devices, Inc. (RFMD)) is optimized for 3.3VDC applications.
For best results, the PA circuit layout from the evaluation board should be copied as closely as possible, particularly the ground
layout and ground vias. Pin 4 must be left as a no-connect on the PCB in order for the PA to work properly. Other configurations
may also work, but the design process is much easier and quicker if the layout is copied from the RF5722 evaluation board.
Gerber files of RFMD PCBA designs can be provided on request. The RF5722 is a very easy part to implement, but care in cir-
cuit layout and component selection is always advisable when designing circuits to operate at 2.5GHz. The RF5722 evaluation
board layout and schematic are available using 0201 (US) size components which will help shrink the overall size of the total
area of the PA and components of the intended design. Please contact RFMD Sales or Application Engineering for additional
data and guidance.
For best performance, it is important to duplicate (as closely as possible) the layout of the evaluation board. The RF5722 has
primarily been characterized with a voltage on VREG of 2.8VDC. If you prefer to use a control voltage that is significantly differ-
ent than 2.8VDC, or a different frequency than the recommended frequency range, contact RFMD Sales or Applications Engi-
neering for additional data and guidance.
QFN8 Package Area versus Other Small Form Factor Package Areas
An application schematic for 2.5GHz operation is included that has two additional components, one shunt inductor, and one
shunt capacitor, on the output for improved second harmonic rejection. This layout provides ~20dB rejecetion at 5GHz with a
minimal BOM count.
Package Type
Length (mm)
Width (mm)
Area (mm2)Delta (
) (mm2) to QFN8
SOT 23-6
3.1
3.0
9.30
4.46
QFN12
3.0
3.0
9.00
4.16
SOT 23-5
2.9
2.8
8.12
3.28
QFN8
2.2
2.2
4.84
0.00


Similar Part No. - RF5722

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RF5725PCK-410 RFMD-RF5725PCK-410 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RF5725SR RFMD-RF5725SR Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RF5725TR7 RFMD-RF5725TR7 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
More results

Similar Description - RF5722

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5622 RFMD-RF5622 Datasheet
79Kb / 2P
   3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
   3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
   3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
   3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322 RFMD-RF5322 Datasheet
691Kb / 12P
   3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
   WiFi Power Amplifier 2.4GHz to 2.5GHz
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com