Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5605 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5605
Description  5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5605 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5605 Datasheet HTML 1Page - RF Micro Devices RF5605 Datasheet HTML 2Page - RF Micro Devices RF5605 Datasheet HTML 3Page - RF Micro Devices RF5605 Datasheet HTML 4Page - RF Micro Devices RF5605 Datasheet HTML 5Page - RF Micro Devices RF5605 Datasheet HTML 6Page - RF Micro Devices RF5605 Datasheet HTML 7Page - RF Micro Devices RF5605 Datasheet HTML 8Page - RF Micro Devices RF5605 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5 of 17
RF5605
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Theory of Operation and Applications
Overview
The RF5605 is a single-chip integrated front end module (FEM) for high performance WiFi applications in the 2.4GHz to
2.5GHz ISM band. The FEM greatly reduces the number of external components minimizing footprint and assembly cost of the
overall 802.11b/g/n solution. The RF5605 has an integrated b/g/n power amplifier, a power Detector, and Tx filtering and a
Switch, which is capable of switching between WiFi Rx and WiFi Tx operations. The device is manufactured using InGaP HBT
and pHEMT processes on a 6mmx6mmx0.95mm Laminate package. The module meets or exceeds the RF front end needs of
the 802.11b/g/n WiFi RF systems. As the RF5605 is fully RF matched to 50
 internally and requires minimal external compo-
nents, it is very easy to implement on to PCB designs. To reduce the design and optimization process on the customer applica-
tion, the evaluation board layout should be copied as close as possible, in particular the ground and via configurations. Gerber
files of RFMD PCBA designs can be provided upon request. The supply voltage lines should present an RF short to the FEM by
using bypass capacitors on the VCC traces. To simplify bias conditions, the RF5605 requires a single positive supply voltage
(VCC), a positive current control bias (VREG) supply or high impedance enable, and a positive supply for switch control. The built-
in Power Detector of the RF5605 can be used as power monitor in the system. All inputs and outputs are internally matched to
50
.
Transmit Path
The RF5605 has a typical gain of 35dB from 2.4GHz to 2.5GHz, and delivers>27dBm typical output power in 11n HT20 MCS7
and>27.5dBm typical in 11g 54Mbps with an EVM<3%. The RF5605 requires a single positive of 5.0V to operate at full spec-
ifications. The VREG pin requires a regulated supply at 2.85V to maintain nominal bias current.
Out of Band Rejection
The RF5605 contains a low pass filter (LPF) to attenuate the 2nd Harmonics to -40dBm/MHz (typical). Depending upon the
end-user's application, additional filters may be needed to meet the out of band rejection requirements of the system. For the
system to meet FCC' s spec, a simple LC can be used between FEM and Antenna, for impedance matching and extra Harmon-
ics attenuation to meet spec.
Receive Path
The Rx path has a 50
 single-ended port. The Receive port return loss is 9.6dB minimum. In this mode, the FEM has an Inser-
tion loss of 0.8dB and 30dB (typical) isolation to Tx port.
RF5605 Biasing Instructions to the Eval board:
• 802.11b/g/n Transmit:
• Connect the FEM to a signal generator at the input and a spectrum analyzer at the output. Set the Pin at signal generator is
at -20dBm.
•Bias VCC to 5.0V first with VREG=0.0V. If available, enable the current limiting function of the power supply to 1100mA.
• Refer to switch operational truth table to set the control lines at the proper levels for WiFi Tx. It is recommended to maintain
at least 2.85V on VTx during Tx mode. A lower VTx voltage will enable the switch in Tx mode, but 2.85V is needed to ensure
that the switch stays in Tx mode during high power peaks. Using a VTx voltage less than 2.85V in Tx mode could result in
abnormal operation or device damage.
•Turn on VREG to 2.85V (typ.).
• On VREG (of Eval board), regulated supply is recommended. Be extremely careful not to exceed 3.0V on the VREG pin or the
part may exceed device current limits.
•Turn on PDOWN to 2.85V (typ.). PDOWN Pin can be tied to VREG supply.
NOTE: It is important to adjust the VCC voltage source so that +5V is measured at the board; and the +2.85V of VREG is
measured at the board. The high collector currents will drop the collector voltage significantly if long leads are used.
Adjust the bias voltage to compensate.
• Turn on RF of signal generator and gradually increase power level to the rated power.
CAUTION: If the input signal exceeds the maximum rated power, the RF5605 Evaluation Board can be permanently dam-
aged.
• To turn off FEM, turn off RF power of signal generator; then PDOWN, VREG and VCC.


Similar Part No. - RF5605

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5601 RFMD-RF5601 Datasheet
361Kb / 9P
   4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601PCK-410 RFMD-RF5601PCK-410 Datasheet
361Kb / 9P
   4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601SR RFMD-RF5601SR Datasheet
361Kb / 9P
   4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601TR7 RFMD-RF5601TR7 Datasheet
361Kb / 9P
   4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
   3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5605

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM7600 RFMD-RFFM7600 Datasheet
1Mb / 12P
   5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
RFFM4201 RFMD-RFFM4201 Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
   3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com