Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP34A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # TIP34A
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

TIP34A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  TIP34A Datasheet HTML 1Page - Central Semiconductor Corp TIP34A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TIP33
TIP33A TIP33B TIP33C
MAXIMUM RATINGS: (TC=25°C)
SYMBOL TIP34
TIP34A TIP34B TIP34C
UNITS
Collector-Base Voltage
VCBO
40
60
80
100
V
Collector-Emitter Voltage
VCEO
40
60
80
100
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
10
A
Peak Collector Current
ICM
15
A
Continuous Base Current
IB
3.0
A
Power Dissipation (TA=25°C)
PD
3.5
W
Power Dissipation
PD
80
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
35.7
°C/W
Thermal Resistance
ΘJC
1.56
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEO
VCE=30V (TIP33, TIP33A, TIP34, TIP34A)
0.7
mA
ICEO
VCE=60V (TIP33B, TIP33C, TIP34B, TIP34C)
0.7
mA
ICES
VCE=Rated VCEO
0.4
mA
IEBO
VEB=5.0V
1.0
mA
BVCEO
IC=30mA (TIP33, TIP34)
40
V
BVCEO
IC=30mA (TIP33A, TIP34A)
60
V
BVCEO
IC=30mA (TIP33B, TIP34B)
80
V
BVCEO
IC=30mA (TIP33C, TIP34C)
100
V
VCE(SAT)
IC=3.0A, IB=0.3A
1.0
V
VCE(SAT)
IC=10A, IB=2.5A
4.0
V
VBE(ON)
VCE=4.0V, IC=3.0A
1.6
V
VBE(ON)
VCE=4.0V, IC=10A
3.0
V
hFE
VCE=4.0V, IC=1.0A
40
hFE
VCE=4.0V, IC=3.0A
20
100
hfe
VCE=10V, IC=0.5A, f=1.0kHz
20
fT
VCE=10V, IC=0.5A, f=1.0MHz
3.0
MHz
TIP33 TIP33A TIP33B TIP33C
NPN
TIP34 TIP34A TIP34B TIP34C
PNP
COMPLEMENTARY
SILICON POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR TIP33 and TIP34
series devices are complementary silicon high power
transistors manufactured by the epitaxial base process,
designed for general purpose amplifier and switching
applications.
MARKING: FULL PART NUMBER
TO-218 TRANSISTOR CASE
R1 (18-July 2013)
www.centr a lsemi.com


Similar Part No. - TIP34A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP34A MOSPEC-TIP34A Datasheet
144Kb / 3P
   POWER TRANSISTORS(10A,40-100V,80W)
logo
Power Innovations Ltd
TIP34A POINN-TIP34A Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP34A SAVANTIC-TIP34A Datasheet
138Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
TIP34A ISC-TIP34A Datasheet
134Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
TIP34A COMSET-TIP34A Datasheet
81Kb / 4P
   SILICON POWER TRANSISTORS
More results

Similar Description - TIP34A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com