Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2156-12 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2156-12
Description  Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2156-12 Datasheet(HTML) 1 Page - Linear Technology

  LTC2156-12_15 Datasheet HTML 1Page - Linear Technology LTC2156-12_15 Datasheet HTML 2Page - Linear Technology LTC2156-12_15 Datasheet HTML 3Page - Linear Technology LTC2156-12_15 Datasheet HTML 4Page - Linear Technology LTC2156-12_15 Datasheet HTML 5Page - Linear Technology LTC2156-12_15 Datasheet HTML 6Page - Linear Technology LTC2156-12_15 Datasheet HTML 7Page - Linear Technology LTC2156-12_15 Datasheet HTML 8Page - Linear Technology LTC2156-12_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
21576512fb
LTC2157-12/
LTC2156-12/LTC2155-12
For more information www.linear.com/LTC2157-12
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual 12-Bit 250Msps/
210Msps/170Msps ADCs
n
Communications
n
Cellular Basestations
n
Software Defined Radios
n
Medical Imaging
n
High Definition Video
n
Testing and Measurement Instruments
n
68.5dB SNR
n
90dB SFDR
n
Low Power: 628mW/592mW/545mW Total
n
Single 1.8V Supply
n
DDR LVDS Outputs
n
Easy-to-Drive 1.5VP-P Input Range
n
1.25GHz Full-Power Bandwidth S/H
n
Optional Clock Duty Cycle Stabilizer
n
Low Power Sleep and Nap Modes
n
Serial SPI Port for Configuration
n
Pin Compatible 14-Bit Versions
n
64-Lead (9mm × 9mm) QFN Package
TheLTC®2157-12/LTC2156-12/LTC2155-12areafamilyof
dual 250Msps/210Msps/170Msps 12-bit A/D converters
designedfordigitizinghighfrequency,widedynamicrange
signals. They are perfect for demanding communications
applications with AC performance that includes 68.5dB
SNR and 90dB spurious free dynamic range (SFDR). The
1.25GHz input bandwidth allows the ADC to achieve high
undersamplingratiowithverylowattenuation.Thelatency
is only six clock cycles.
DCspecsinclude±0.26LSBINL(typ),±0.16LSBDNL(typ)
and no missing codes over temperature. The transition
noise is 0.54LSBRMS.
The digital outputs are double data rate (DDR) LVDS.
The ENC+ and ENCinputs can be driven differentially with
asinewave,PECL,LVDS,TTL,orCMOSinputs.Anoptional
clock duty cycle stabilizer allows high performance at full
speed for a wide range of clock duty cycles.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
LTC2157-12: 32K Points 2-Tone FFT,
fIN = 71MHZ and 69MHz, 250Msps
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21576512 G11
100
120
–20
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
12-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE
CONTROL
DA10_11
DA0_1
DB10_11
DB0_1
CLOCK
ANALOG
INPUT
21576512 TA01
DDR
LVDS
DDR
LVDS
VDD
OVDD
OGND
GND
CHANNEL A
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
12-BIT
PIPELINED
ADC CORE
ANALOG
INPUT
OGND
OVDD
CHANNEL B


Similar Part No. - LTC2156-12_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2156-12 LINER-LTC2156-12 Datasheet
644Kb / 34P
   Dual 14-Bit 250Msps
More results

Similar Description - LTC2156-12_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2155-12 LINER-LTC2155-12_15 Datasheet
928Kb / 32P
   Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2157-12 LINER-LTC2157-12_15 Datasheet
928Kb / 32P
   Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-12 LINER-LTC2151-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-12 LINER-LTC2150-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-12 LINER-LTC2152-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2155-14 LINER-LTC2155-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-14 LINER-LTC2156-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2157-14 LINER-LTC2157-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com