Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5365SR Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5365SR
Description  2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5365SR Datasheet(HTML) 4 Page - RF Micro Devices

  RF5365SR Datasheet HTML 1Page - RF Micro Devices RF5365SR Datasheet HTML 2Page - RF Micro Devices RF5365SR Datasheet HTML 3Page - RF Micro Devices RF5365SR Datasheet HTML 4Page - RF Micro Devices RF5365SR Datasheet HTML 5Page - RF Micro Devices RF5365SR Datasheet HTML 6Page - RF Micro Devices RF5365SR Datasheet HTML 7Page - RF Micro Devices RF5365SR Datasheet HTML 8Page - RF Micro Devices RF5365SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140527
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 11
RF5365
Parameter
Specification
Unit
Condition
Min
Typ
Max
Bluetooth®
Frequency
2.4
2.5
GHz
Insertion Loss
0.8
1.2
dB
Bluetooth Port Return Loss
10
12
dB
Bluetooth Port Impedance
50
Bluetooth Input P1dB
22
dBm
Other Requirements
Antenna Port Impedance
50
W
Return Loss
10
12
dB
In WiFi RX or BT Mode
Isolation
ANT to RX
20
dB
At rated POUT in TX Mode
Switch Control Voltage
Low
0
0.2
V
High
2.7
3.6
V
Switch Control Current
Low
0.5
uA
High
100
uA
ESD
Human Body Model
1000
V
Pin - Ground
Charge Device Model
500
V
JESD22-C101C. Class III
Note 1: The PA must operate with gates bias voltage input at 1% to 99% duty cycle.
Note 2: The output power for channels 1 and 11 may be reduced to meet FCC restricted band requirements.
Switch Control Logic Truth Table
Mode
C_TX
C_RX
C_BT
VREG
TX Mode
High
Low
Low
High
RX Mode
Low
High
Low
Low
BT Mode
Low
Low
High
Low
Simultaneous
Low
High
High
Low


Similar Part No. - RF5365SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF5365SR QORVO-RF5365SR Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results

Similar Description - RF5365SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5765 RFMD-RF5765 Datasheet
1Mb / 14P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
RFFM8200 RFMD-RFFM8200 Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com