Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTLDM8002A-M621H Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CTLDM8002A-M621H
Description  SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTLDM8002A-M621H Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CTLDM8002A-M621H_15 Datasheet HTML 1Page - Central Semiconductor Corp CTLDM8002A-M621H_15 Datasheet HTML 2Page - Central Semiconductor Corp CTLDM8002A-M621H_15 Datasheet HTML 3Page - Central Semiconductor Corp CTLDM8002A-M621H_15 Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CTLDM8002A-M621H
SURFACE MOUNT SILICON
P-CHANNEL
ENHANCEMENT-MODE
MOSFET
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
gFS
VDS=10V, ID=200mA
200
mS
Crss
VDS=25V, VGS=0, f=1.0MHz
7.0
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
70
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
15
pF
Qg(tot)
VDS=25V, VGS=4.5V, ID=100mA
0.72
nC
Qgs
VDS=25V, VGS=4.5V, ID=100mA
0.25
nC
Qgd
VDS=25V, VGS=4.5V, ID=100mA
0.16
nC
ton, toff
VDD=30V, VGS=10V, ID=200mA,
RG=25, RL=150Ω
20
ns
TLM621H CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Source
2) Drain
3) Drain
4) Drain
5) Drain
6) Gate
PIN CONFIGURATION
For standard mounting refer
to TLM621H Package Details
MARKING CODE: CNC
*Exposed pad P internally connected
to pins 2, 3, 4, and 5.
OPTIONAL MOUNTING PADS
(Dimensions in mm)
www.centr a lsemi.com
R4 (6-February 2015)


Similar Part No. - CTLDM8002A-M621H_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLDM8002A-M621H CENTRAL-CTLDM8002A-M621H_10 Datasheet
427Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results

Similar Description - CTLDM8002A-M621H_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM8120TG CENTRAL-CMLDM8120TG_15 Datasheet
530Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CEDM8004 CENTRAL-CEDM8004_12 Datasheet
457Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CXDM4060P CENTRAL-CXDM4060P_15 Datasheet
854Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CEDM8004VL CENTRAL-CEDM8004VL Datasheet
956Kb / 4P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM302PH CENTRAL-CMPDM302PH Datasheet
349Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMUDM8005 CENTRAL-CMUDM8005_13 Datasheet
837Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM8120 CENTRAL-CMLDM8120_15 Datasheet
532Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM202PH CENTRAL-CMPDM202PH_15 Datasheet
353Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7590 CENTRAL-CTLDM7590_15 Datasheet
1Mb / 3P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM8002A-M621 CENTRAL-CTLDM8002A-M621_15 Datasheet
1Mb / 4P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CWDM305P CENTRAL-CWDM305P_15 Datasheet
652Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com