Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5345PCK-410 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF5345PCK-410
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5345PCK-410 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF5345PCK-410 Datasheet HTML 6Page - RF Micro Devices RF5345PCK-410 Datasheet HTML 7Page - RF Micro Devices RF5345PCK-410 Datasheet HTML 8Page - RF Micro Devices RF5345PCK-410 Datasheet HTML 9Page - RF Micro Devices RF5345PCK-410 Datasheet HTML 10Page - RF Micro Devices RF5345PCK-410 Datasheet HTML 11Page - RF Micro Devices RF5345PCK-410 Datasheet HTML 12Page - RF Micro Devices RF5345PCK-410 Datasheet HTML 13Page - RF Micro Devices RF5345PCK-410 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10 of 20
RF5345
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5345 Transmit Performance
RF5345 EVM and GAIN vs. TEMPERATURE and POWER
(VCC=3.3v, Vreg=2.8v, 64QAM 54Mbps, FREQ=2.45GHz, 10% Duty Cycle)
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
OUPUT POWER (dBm)
15
17
19
21
23
25
27
29
EVM ( - 10C )
EVM ( + 25C )
EVM ( + 75C )
GAIN ( - 10C )
GAIN ( + 25C )
GAIN (+75C)
RF5345 EVM and GAIN vs. FREQUENCY and POWER
(VCC=3.3v, Vreg=2.8v, 64QAM 54Mbps, 10% Duty Cycle, Temp=25C)
0
2
4
6
8
10
12
14
012
3456
789
10
11
12
13
14
15
16
17
18
19
20
21
OUPUT POWER (dBm)
15
17
19
21
23
25
27
29
EVM (2.4GHz)
EVM (2.45GHz)
EVM (2.5GHz)
GAIN (2.4GHz)
GAIN (2.45GHz)
GAIN (2.5GHz)
RF5345 EVM and GAIN vs. SUPPLY VOLTAGE and POWER
(Vreg=2.8v, 64QAM 54Mbps, FREQ=2.45GHz, 10% Duty Cycle, Temp=25C)
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
OUPUT POWER (dBm)
15
17
19
21
23
25
27
29
EVM (3.0V)
EVM (3.3V)
EVM (4.8V)
GAIN (3.0V)
GAIN (3.3V)
GAIN (4.8V)
RF5345 ICC vs. TEMPERATURE and POWER
(VCC=3.3v, Vreg=2.8v, 64QAM 54Mbps, Freq=2450MHz, 10% Duty Cycle)
90
110
130
150
170
190
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
OUPUT POWER (dBm)
TEMP = -10C
TEMP = +25C
TEMP = +75C
RF5345 ICC vs. FREQUENCY and POWER
(VCC=3.3v, Vreg=2.8v, 64QAM 54Mbps, TEMP=25C, 10% Duty Cycle)
90
110
130
150
170
190
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
OUPUT POWER (dBm)
FREQ = 2.4GHz
FREQ = 2.45GHz
FREQ = 2.5GHz
RF5345 ICC vs. SUPPLY VOLTAGE and POWER
(Vreg=2.8v, 64QAM 54Mbps, FREQ=2.45GHz, TEMP=25C, 10% Duty Cycle)
90
110
130
150
170
190
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
OUPUT POWER (dBm)
VCC = 3.0V
VCC = 3.3V
VCC = 4.8V


Similar Part No. - RF5345PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5300 RFMD-RF5300 Datasheet
112Kb / 6P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300 Datasheet
237Kb / 10P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF5300PCBA-41X RFMD-RF5300PCBA-41X Datasheet
112Kb / 6P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF5300PCBA-41X RFMD-RF5300PCBA-41X Datasheet
237Kb / 10P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
   3V, 5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5345PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5765 RFMD-RF5765 Datasheet
1Mb / 14P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
RFFM8200 RFMD-RFFM8200 Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com