Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5322PCK-410 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF5322PCK-410
Description  3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5322PCK-410 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF5322PCK-410 Datasheet HTML 4Page - RF Micro Devices RF5322PCK-410 Datasheet HTML 5Page - RF Micro Devices RF5322PCK-410 Datasheet HTML 6Page - RF Micro Devices RF5322PCK-410 Datasheet HTML 7Page - RF Micro Devices RF5322PCK-410 Datasheet HTML 8Page - RF Micro Devices RF5322PCK-410 Datasheet HTML 9Page - RF Micro Devices RF5322PCK-410 Datasheet HTML 10Page - RF Micro Devices RF5322PCK-410 Datasheet HTML 11Page - RF Micro Devices RF5322PCK-410 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11 of 12
RF5322
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
ACP versus POUT
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
Output Power (dBm)
ACP1 2400MHz
ACP1 2450MHz
ACP1 2500MHz
2400MHz ACP2
2450MHz ACP2
2500MHz ACP2
EVM versus P
OUT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
0.0
5.0
10.0
15.0
20.0
Output Power (dBm)
2400MHz
2450MHz
2500MHz
Gain verus POUT
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
0.0
5.0
10.0
15.0
20.0
25.0
Output Power (dBm)
2400MHz
2450MHz
2500MHz
Operating Current versus P
OUT
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
120.0
130.0
140.0
150.0
0.0
5.0
10.0
15.0
20.0
Output Power (dBm)
2400MHz
2450MHz
2500MHz
P
DETECT versus POUT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0
5.0
10.0
15.0
20.0
Output Power (dBm)
2400MHz
2450MHz
2500MHz


Similar Part No. - RF5322PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
   3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RF5325PCK-410 RFMD-RF5325PCK-410 Datasheet
698Kb / 12P
   3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RF5325SQ RFMD-RF5325SQ Datasheet
698Kb / 12P
   3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RF5325SR RFMD-RF5325SR Datasheet
698Kb / 12P
   3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RF5325TR7 RFMD-RF5325TR7 Datasheet
698Kb / 12P
   3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
More results

Similar Description - RF5322PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5622 RFMD-RF5622 Datasheet
79Kb / 2P
   3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
   3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
   3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
   3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
   3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
   WiFi Power Amplifier 2.4GHz to 2.5GHz
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com