Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8697 Datasheet(PDF) 5 Page - Linear Technology

Part # LT8697
Description  USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8697 Datasheet(HTML) 5 Page - Linear Technology

  LT8697_15 Datasheet HTML 1Page - Linear Technology LT8697_15 Datasheet HTML 2Page - Linear Technology LT8697_15 Datasheet HTML 3Page - Linear Technology LT8697_15 Datasheet HTML 4Page - Linear Technology LT8697_15 Datasheet HTML 5Page - Linear Technology LT8697_15 Datasheet HTML 6Page - Linear Technology LT8697_15 Datasheet HTML 7Page - Linear Technology LT8697_15 Datasheet HTML 8Page - Linear Technology LT8697_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LT8697
5
8697fb
For more information www.linear.com/LT8697
TYPICAL PERFORMANCE CHARACTERISTICS
VEN vs Temperature
Efficiency vs ILOAD
Efficiency vs ILOAD
TEMPERATURE (°C)
–55
0.95
0.97
0.99
1.01
0.96
0.98
1.00
1.02
1.03
5
65
8697 G07
155
125
–25
35
95
EN/UV RISING
EN/UV FALLING
LOAD CURRENT (A)
0
50
70
80
90
55
75
60
65
85
95
100
1
2
8697 G08
2.5
0.5
1.5
fSW = 2MHz
RSENSE = 18m
DCRL = 20m
RCBL = OPEN
VIN = 8V
VIN = 12V
VIN = 24V
LOAD CURRENT (A)
0.001
0
40
60
80
10
50
20
30
70
90
100
0.1
8697 G09
10
00.01
1
fSW = 2MHz
RSENSE = 18m
DCRL = 20m
RCBL = OPEN
VIN = 8V
VIN = 12V
VIN = 24V
TA = 25°C, unless otherwise noted.
No Load Supply Current vs VIN
No Load Supply Current
vs Temperature
Top FET Current Limit
vs Duty Cycle
Top FET Current Limit
vs Temperature
Bottom FET Current Limit
vs Temperature
INPUT VOLTAGE (V)
6
0
4
8
12
16
2
6
10
14
18
8697 G11
42
12
24
30
36
fSW = 700kHz
TEMPERATURE (°C)
–55
7.0
8.0
9.0
10.0
7.5
8.5
9.5
5
8697 G12
155
125
–25
35
65
95
fSW = 700kHz
VIN = 12V
DUTY CYCLE (%)
0
2.5
3.5
4.5
5.0
3.0
4.0
0.4
8697 G13
1.0
0.2
0.6
0.8
TA = 155°C
TA = 125°C
TA = 25°C
TEMPERATURE (°C)
–55
3.0
3.4
4.2
5.0
3.8
4.6
5
8697 G14
155
125
–25
35
65
95
30% DC
70% DC
TEMPERATURE (°C)
–55
3.0
4.2
5.0
3.4
3.8
4.6
5
8697 G15
155
–25
35
65
95
125
Efficiency vs Frequency
FREQUENCY (MHz)
0.2
60
70
80
90
100
1.2
8697 G10
2.2
0.7
1.7
L = 15µH
RSENSE = 18m
DCRL = 40m
RCBL = OPEN
ILOAD = 0.9A
VIN = 8V
VIN = 12V
VIN = 24V


Similar Part No. - LT8697_15

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT8697EUDD LINEAR_DIMENSIONS-LT8697EUDD Datasheet
481Kb / 28P
   USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
LT8697IUDD LINEAR_DIMENSIONS-LT8697IUDD Datasheet
481Kb / 28P
   USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
More results

Similar Description - LT8697_15

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT8697 LINEAR_DIMENSIONS-LT8697 Datasheet
481Kb / 28P
   USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
logo
Linear Technology
LT8697 LINER-LT8697 Datasheet
397Kb / 8P
   USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
LT3697 LINER-LT3697_15 Datasheet
445Kb / 32P
   USB 5V, 2.5A Output, 35V Input Buck with Cable Drop Compensation
logo
Analog Devices
LT8698S AD-LT8698S Datasheet
4Mb / 40P
   5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
logo
Linear Technology
LTC3126 LINER-LTC3126 Datasheet
1Mb / 30P
   42V, 2.5A Synchronous Step-Down Regulator with No-Loss Input PowerPath
logo
Texas Instruments
TPS25840-Q1 TI1-TPS25840-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   TPS2584x-Q1 USB Type-A BC1.2 5-V 3.5-A Output, 36-V Input Synchronous Buck With Cable Compensation
logo
Linear Technology
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
   42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
logo
Texas Instruments
TPS25840-Q1 TI-TPS25840-Q1_V01 Datasheet
6Mb / 63P
[Old version datasheet]   TPS2584x-Q1 Automotive USB Type-A BC1.2 5-V 3.5-A Output, 36-V Input Synchronous Buck With Cable Compensation
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com