Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKIN2-960 Datasheet(PDF) 1 Page - Tyco Electronics

Part # EKIN2-960
Description  E-Series I/Q Modulator 925 - 960 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

EKIN2-960 Datasheet(HTML) 1 Page - Tyco Electronics

  EKIN2-960 Datasheet HTML 1Page - Tyco Electronics EKIN2-960 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series I/Q Modulator — 925 - 960 MHz
EKIN2-960
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
S 0657 E
Features
• High Carrier Suppression
• High 3I and 5I Suppression
Description
M/A-COM’s EKIN2-960 is a passive, high performance surface
mount Modulator. It is ideally suited for direct Modulation in
GSM / E-GSM Cellular Base Stations.
E-Series I/Q Modulator
925 - 960 MHz
EKIN2-960
Parameter
Units
Typical
Minimum
Maximum
Frequency Range
(LO) Carrier
925 - 960
I/Q
DC - 0.27
MHz
MHz
(LO) Carrier Suppression *
dBc
27.0
SSB Rejection *
dBc
34.0
Harmonic Suppression *
3 x I/Q
5 x I/Q
dBc
dBc
40.0
55.0
Conversion Loss
dB
10.0
(LO) Carrier Power
dBm
+10.0
±1.0
I/Q Drive Level
-10.0
Electrical Specifications @25°C
SM-28 Package
* Note: When Q = +90 degrees relative to I; Lower sideband is suppressed. Related to wanted sideband power.
Please note that the photograph above indicates package only, not actual unit.


Similar Part No. - EKIN2-960

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EKIN2-960 MACOM-EKIN2-960 Datasheet
61Kb / 2P
   E-Series I/Q Modulator 921-960MHz
logo
M/A-COM Technology Solu...
EKIN2-960 MA-COM-EKIN2-960 Datasheet
59Kb / 2P
   E-Series I/Q Modulator 935.2 - 959.8 MHz
logo
Tyco Electronics
EKIN2-960TR MACOM-EKIN2-960TR Datasheet
61Kb / 2P
   E-Series I/Q Modulator 921-960MHz
logo
M/A-COM Technology Solu...
EKIN2-960TR MA-COM-EKIN2-960TR Datasheet
59Kb / 2P
   E-Series I/Q Modulator 935.2 - 959.8 MHz
logo
Tyco Electronics
EKIN2-960 MACOM-EKIN2-960_1 Datasheet
61Kb / 2P
   E-Series I/Q Modulator 921-960MHz
More results

Similar Description - EKIN2-960

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMO-007252-IN2960 MACOM-MAMO-007252-IN2960 Datasheet
63Kb / 2P
   E-Series I/Q Modulator 921 - 960 MHz
logo
M/A-COM Technology Solu...
MAMO-008665-ES0018 MA-COM-MAMO-008665-ES0018 Datasheet
129Kb / 2P
   E-Series I/Q Modulator E-Series I/Q Modulator
logo
Tyco Electronics
MAMDCC0005 MACOM-MAMDCC0005 Datasheet
390Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0006 MACOM-MAMDCC0006 Datasheet
369Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007099-000100 MA-COM-MAIA-007099-000100 Datasheet
143Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0005 MA-COM-MAMDCC0005 Datasheet
131Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMO-00900-1291HT MA-COM-MAMO-00900-1291HT Datasheet
159Kb / 7P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MA4IQP900H-1291T MACOM-MA4IQP900H-1291T Datasheet
145Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
MAMO-000900-1291LT MACOM-MAMO-000900-1291LT Datasheet
253Kb / 7P
   I/Q Modulator/Demodulator 850 - 960 MHz
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com