Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3857TR7 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3857TR7
Description  DUAL CHANNEL LNA WITH BYPASS MODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3857TR7 Datasheet(HTML) 4 Page - RF Micro Devices

  RF3857TR7 Datasheet HTML 1Page - RF Micro Devices RF3857TR7 Datasheet HTML 2Page - RF Micro Devices RF3857TR7 Datasheet HTML 3Page - RF Micro Devices RF3857TR7 Datasheet HTML 4Page - RF Micro Devices RF3857TR7 Datasheet HTML 5Page - RF Micro Devices RF3857TR7 Datasheet HTML 6Page - RF Micro Devices RF3857TR7 Datasheet HTML 7Page - RF Micro Devices RF3857TR7 Datasheet HTML 8Page - RF Micro Devices RF3857TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RF3857
DS110616
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1GAIN SEL1
This pin selects high gain and bypass modes for Amplifier 1. Gain
Sel1<0.8V, Amp1 high gain. Gain Sel1>1.8V, Amp1 bypass.
2GND
Amplifier 1 ground connection. For best performance, keep traces physi-
cally short and connect immediately to ground plane.
3RFOUT1
Amplifier 1 output pin. This pin is an open-collector output. It must be
biased to VCC through a choke or matching inductor. This pin is matched to
50
 with the network shown in the evaluation board schematic.
4N/C
No internal connection.
5RFIN1
RF input pin for amplifier 1. This part is designed such that 50
 is the opti-
mal source impedance for best noise figure. Best noise figure is achieved
with only a series capacitor on the input.
6GND
Isolation ground connection. Can be grounded or not connected.
7GND
See pin 7.
8RFIN2
RF input pin for amplifier 2. See pin 5.
9N/C
No internal connection.
10
RFOUT2
Amplifier 2 output pin. See pin 3.
11
GND
Amplifier 2 ground connection. See pin 2.
12
GAIN SEL2
Selects high gain and bypass modes for Amplifier 2. See pin 1.
13
VREF2
Bias control for amplifier 2. An external resistor can be used to set the bias
current for any VREF voltage.
14
N/C
No internal connection.
15
N/C
No internal connection.
16
VREF1
Bias control for amplifier 1. See pin 13.
RF IN
RF OUT
To Bias
Circuit
VBIAS


Similar Part No. - RF3857TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3854 RFMD-RF3854 Datasheet
525Kb / 26P
   LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF3854PCBA-41X RFMD-RF3854PCBA-41X Datasheet
525Kb / 26P
   LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF3855 RFMD-RF3855 Datasheet
174Kb / 6P
   3.1V LINEAR POWER AMPLIFIER
RF3858 RFMD-RF3858 Datasheet
878Kb / 11P
   3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RF3858PCK-410 RFMD-RF3858PCK-410 Datasheet
878Kb / 11P
   3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
More results

Similar Description - RF3857TR7

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMF-010614 MA-COM-MAMF-010614 Datasheet
461Kb / 9P
   Integrated SPDT Switch and LNA with Bypass Mode
MAMF-010614 MA-COM-MAMF-010614_15 Datasheet
461Kb / 9P
   Integrated SPDT Switch and LNA with Bypass Mode
logo
Guerrilla RF, Inc.
GRF4142 GUERRILLA-GRF4142 Datasheet
1Mb / 23P
   LNA/Driver with Bypass 0.1 to 6 GHz
April 18, 2023
logo
TriQuint Semiconductor
TQL9042 TRIQUINT-TQL9042_15 Datasheet
643Kb / 9P
   500 ??2000 MHz Bypass LNA
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
QPL9095 QORVO-QPL9095 Datasheet
976Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 21, 2020
logo
TriQuint Semiconductor
QPL9095 TRIQUINT-QPL9095 Datasheet
837Kb / 8P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
QPL9098 QORVO-QPL9098 Datasheet
2Mb / 17P
   Ultra-Low Noise, Bypass LNA
July 25, 2020
logo
TriQuint Semiconductor
QPL9096 TRIQUINT-QPL9096 Datasheet
956Kb / 10P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
TQL9063 QORVO-TQL9063 Datasheet
668Kb / 12P
   Ultra Low-Noise, Bypass LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com