Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8610AC Datasheet(PDF) 8 Page - Linear Technology

Part # LT8610AC
Description  42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AC Datasheet(HTML) 8 Page - Linear Technology

Back Button LT8610AC_15 Datasheet HTML 4Page - Linear Technology LT8610AC_15 Datasheet HTML 5Page - Linear Technology LT8610AC_15 Datasheet HTML 6Page - Linear Technology LT8610AC_15 Datasheet HTML 7Page - Linear Technology LT8610AC_15 Datasheet HTML 8Page - Linear Technology LT8610AC_15 Datasheet HTML 9Page - Linear Technology LT8610AC_15 Datasheet HTML 10Page - Linear Technology LT8610AC_15 Datasheet HTML 11Page - Linear Technology LT8610AC_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT8610AC/LT8610AC-1
8
8610acfa
For more information www.linear.com/LT8610AC
LT8610AC Transient Response
Start-Up Dropout Performance
LT8610AC-1 Transient Response
LT8610AC-1 Transient Response
LT8610AC Transient Response
Start-Up Dropout Performance
IL
2A/DIV
VOUT
200mV/DIV
50µs/DIV
1.5A TO 3.5A TRANSIENT
12VIN, 3.3VOUT
COUT = 47µF × 2
8610ac1 G35
VOUT
1V/DIV
VIN
1V/DIV
100ms/DIV
2.5 LOAD
(2A IN REGULATION)
8610ac1 G37
VIN
VOUT
IL
2A/DIV
VOUT
200mV/DIV
50µs/DIV
200mA TO 2A TRANSIENT
12VIN, 3.3VOUT
COUT = 47µF × 2
8610ac1 G36
VOUT
1V/DIV
VIN
1V/DIV
100ms/DIV
20 LOAD
(250mA IN REGULATION)
8610ac1 G38
VIN
VOUT
Typical perForMance characTerisTics T
A = 25°C, unless otherwise noted.
IOUT
2A/DIV
VOUT
200mV/DIV
50µs/DIV
1.5A TO 3.5A TRANSIENT
12VIN, 3.3VOUT
COUT = 47µF × 2
8610ac1 G39
IOUT
2A/DIV
VOUT
200mV/DIV
50µs/DIV
100mA TO 2A TRANSIENT
12VIN, 3.3VOUT
COUT = 47µF × 2
8610ac1 G40


Similar Part No. - LT8610AC_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610AC-1 LINER-LT8610AC-1 Datasheet
586Kb / 28P
   40V, 1A Synchronous Step-Down Converter
36461fc
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
More results

Similar Description - LT8610AC_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
   42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8611 LINER-LT8611_15 Datasheet
350Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8609 LINER-LT8609_15 Datasheet
1Mb / 22P
   42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
   42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com