Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3183TR13 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3183TR13
Description  QUAD-BAND/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3183TR13 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3183TR13 Datasheet HTML 1Page - RF Micro Devices RF3183TR13 Datasheet HTML 2Page - RF Micro Devices RF3183TR13 Datasheet HTML 3Page - RF Micro Devices RF3183TR13 Datasheet HTML 4Page - RF Micro Devices RF3183TR13 Datasheet HTML 5Page - RF Micro Devices RF3183TR13 Datasheet HTML 6Page - RF Micro Devices RF3183TR13 Datasheet HTML 7Page - RF Micro Devices RF3183TR13 Datasheet HTML 8Page - RF Micro Devices RF3183TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3 of 20
RF3183
DS100412
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Cellular 850MHz Band
GMSK Mode
Nominal test conditions unless otherwise
stated. Temp=25 °C, VBATT=3.6V,
Freq=824MHz to 849MHz, 25% Duty Cycle,
Pulse Width=1154
s, PIN=-2dBm,
BAND_SEL=“Low”, TX_EN=“High”,
VRAMP=VRAMP,MAX
Operating Frequency Range
824
849
MHz
Input Power Range, PIN
-2
+1
+4
dBm
Maximum Output Power 1
34.5
35.0
dBm
Temp=25 °C, VBATT=3.6V
Maximum Output Power 2
32.5
33
dBm
Temp=85 °C, VBATT=3.0V
Total Efficiency (PAE)
42
48
%
PIN=+1dBm
Output Noise Power
-83
-82
dBm
869MHz to 894MHz, f0=849MHz,
POUT<Rated POUT, RBW=100kHz
Forward Isolation 1
-32
dBm
TX_EN=0V, VRAMP=VRAMP,MIN,
PIN=+4dBm
Forward Isolation 2
-10
dBm
VRAMP=VRAMP,MIN, PIN=+4dBm
2f0 Harmonics
-15
-10
dBm
POUT<Rated POUT
3f0 Harmonics
-25
-15
dBm
POUT<Rated POUT
Fundamental Cross Band Coupling
-1
3
dBm
Measured at DCS_RFOUT pin,
POUT<Rated POUT at GSM_RFOUT pin
2f0, 3f0 Cross Band Coupling
-22
-17
dBm
Measured at DCS_RFOUT pin,
POUT<Rated POUT at GSM_RFOUT pin
All Other Non-harmonic Spurious
-36
dBm
Over PIN range, POUT<Rated POUT
Input VSWR
2:1
3:1
Output Load VSWR Stability
-36
dBm
Load VSWR=5.1 All phase angles, Set VRAMP
where POUT<Rated POUT into 50 load, then
load switched to VSWR=5:1, Full PIN Range,
RBW=3MHz, no oscillations
Output Load VSWR Ruggedness
No damage or permanent degradation to
device
Load VSWR=10:1, all phase angles. Set VRAMP
where POUT<Rated POUT into 50 load, then
load switched to VSWR=10:1
Note: VRAMP,MAX=2.2V, VRAMP,MIN =0.25V, Rated POUT=34.5dBm


Similar Part No. - RF3183TR13

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3181 RFM-RF3181 Datasheet
168Kb / 2P
   916.50 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3181 MURATA-RF3181 Datasheet
168Kb / 2P
   916.50 MHz SAW Filter
logo
RF Monolithics, Inc
RF3181D RFM-RF3181D Datasheet
63Kb / 2P
   916.5 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3181D MURATA-RF3181D Datasheet
63Kb / 2P
   916.50 MHz SAW Filter
logo
RF Monolithics, Inc
RF3181E RFM-RF3181E Datasheet
201Kb / 2P
   916.5 MHz SAW Filter
More results

Similar Description - RF3183TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3158 RFMD-RF3158 Datasheet
610Kb / 26P
   QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS POWER AMPLIFIER MODULE
RF3159 RFMD-RF3159 Datasheet
567Kb / 26P
   QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4006 TRIQUINT-TQM7M4006 Datasheet
72Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4022 TRIQUINT-TQM7M4022 Datasheet
152Kb / 13P
   3V Quad-Band GSM850/900/DCS/PCS Power Amplifier Module
logo
Qorvo, Inc
TQM7M5022 QORVO-TQM7M5022 Datasheet
59Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
TriQuint Semiconductor
TQM7M5022 TRIQUINT-TQM7M5022_15 Datasheet
59Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4014 TRIQUINT-TQM7M4014 Datasheet
207Kb / 8P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012 TRIQUINT-TQM7M5012_15 Datasheet
103Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com