Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP060-DBAB1 Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP060-DBAB1
Description  High efficiency and reliability
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP060-DBAB1 Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP060-DBAB1 Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification
Temperature Range: Operating: 0°C ~ +40°C
Humidity: 80% on operating, 90% on storage
Average Efficiency: Efficiency Level V & ErP Teir 2
No Load Power Consumption: Less than 0.5W
Dimensions (LxWxH): 110x62x31.5mm
/4.33x2.44x1.24inch
Output Characteristics
SPI Model
Output
Voltage
Output
Current
Connecter
Type
Connecter
IDxODxL
Dc cable
Length (mm)
AD060DBAB1-J21
12V
5A
Barrel 180 ̊
2.1x5.5x9.5
1500
AD060-DBAB1-J25
12V
5A
Barrel 90 ̊
2.5x5.5x10
1500
FSP060-DBAB1
(Efficiency Level V, RoHS Compliant)
60 Watts Power Adapter
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
High efficiency and reliability
Low noise and ripple
Output over voltage, short circuit, and over current
protection
Complies with FCC part 15, and CISPR 22 class B
Approved by CUL/UL60950-1
2nd TUV EN60950-1 2nd, CB
60950-1
2nd, FCC, EMC
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com


Similar Part No. - FSP060-DBAB1

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP060-DBAE1 SPI-FSP060-DBAE1 Datasheet
54Kb / 1P
   60 Watts Power Adapter High efficiency and reliability
More results

Similar Description - FSP060-DBAB1

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-REB SPI-FSP065-REB Datasheet
56Kb / 1P
   High efficiency and reliability
FSP084-DIBAN2 SPI-FSP084-DIBAN2 Datasheet
50Kb / 1P
   High efficiency and reliability
FSP120-ABBN2 SPI-FSP120-ABBN2 Datasheet
48Kb / 1P
   High efficiency and reliability
FSP150-ABAN2 SPI-FSP150-ABAN2 Datasheet
47Kb / 1P
   High efficiency and reliability
FSP036-RAC SPI-FSP036-RAC Datasheet
62Kb / 1P
   High efficiency and reliability
FSP350-60GHS SPI-FSP350-60GHS Datasheet
795Kb / 1P
   High efficiency and reliability
FSP200-50GSV-5K SPI-FSP200-50GSV-5K Datasheet
564Kb / 1P
   High efficiency and reliability
FSP150-AHAN2 SPI-FSP150-AHAN2 Datasheet
34Kb / 1P
   High efficiency and reliability
logo
Wall Industries,Inc.
WMGPSU06X-CC WALL-WMGPSU06X-CC Datasheet
257Kb / 4P
   High Efficiency and Reliability
logo
Sparkle Power Inc.
FSP700-80WEPB SPI-FSP700-80WEPB Datasheet
171Kb / 1P
   High efficiency 80plus Platinum and reliability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com