Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP32D9UFZ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP32D9UFZ
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP32D9UFZ Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP32D9UFZ_15 Datasheet HTML 1Page - Diodes Incorporated DMP32D9UFZ_15 Datasheet HTML 2Page - Diodes Incorporated DMP32D9UFZ_15 Datasheet HTML 3Page - Diodes Incorporated DMP32D9UFZ_15 Datasheet HTML 4Page - Diodes Incorporated DMP32D9UFZ_15 Datasheet HTML 5Page - Diodes Incorporated DMP32D9UFZ_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP32D9UFZ
Document number: DS36842 Rev. 2 - 2
4 of 6
www.diodes.com
June 2014
© Diodes Incorporated
DMP32D9UFZ
T , AMBIENT TEMPERATURE (°C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
A
0.4
0.5
0.6
0.7
0.8
0.9
1
-50-25
0
25
50
75100
125
150
-I = 1mA
D
-I = 250µA
D
-V , SOURCE-DRAIN VOLTAGE (V)
Figure 8 Diode Forward Voltage vs. Current
SD
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
0.3
0.6
0.9
1.2
1.5
T= 150 C
A
°
T= 125 C
A
°
T= -55 C
A
°
T= 25 C
A
°
T= 85 C
A
°
-V , DRAIN-SOURCE VOLTAGE (V)
Figure 9 Typical Junction Capacitance
DS
1
10
100
0
4
8
12
1620
2428
f = 1MHz
Coss
Crss
Ciss
Q , TOTAL GATE CHARGE (nC)
Figure 10 Gate-Charge Characteristics
g
0
2
4
6
8
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
= -15V
I = -200mA
DS
D
t1, PULSE DURATION TIMES (sec)
Figure 11 Transient Thermal Resistance
D = 0.7
D = 0.9
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
Single Pulse
R(t) = r(t) * R
R
= 325°C/W
Duty Cycle, D = t1/ t2
θθ
θ
JA
JA
JA
0.001
0.01
0.1
1
0.000001 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000


Similar Part No. - DMP32D9UFZ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP32D9UFZ-7B DIODES-DMP32D9UFZ-7B Datasheet
345Kb / 6P
   ESD Protected Gate
More results

Similar Description - DMP32D9UFZ_15

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com