Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP25H18DLFDE-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMP25H18DLFDE-13
Description  250V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP25H18DLFDE-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMP25H18DLFDE-13 Datasheet HTML 1Page - Diodes Incorporated DMP25H18DLFDE-13 Datasheet HTML 2Page - Diodes Incorporated DMP25H18DLFDE-13 Datasheet HTML 3Page - Diodes Incorporated DMP25H18DLFDE-13 Datasheet HTML 4Page - Diodes Incorporated DMP25H18DLFDE-13 Datasheet HTML 5Page - Diodes Incorporated DMP25H18DLFDE-13 Datasheet HTML 6Page - Diodes Incorporated DMP25H18DLFDE-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMP25H18DLFDE
Datasheet number: DS37298 Rev. 3 - 2
6 of 7
www.diodes.com
January 2015
© Diodes Incorporated
DMP25H18DLFDE
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
U-DFN2020-6
Type E
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.03
A3
0.15
b
0.25
0.35
0.30
b1
0.185
0.285
0.235
D
1.95
2.05
2.00
D2
0.85
1.05
0.95
E
1.95
2.05
2.00
E2
1.40
1.60
1.50
e
0.65
L
0.25
0.35
0.30
L1
0.82
0.92
0.87
K1
0.305
K2
0.225
Z
0.20
All Dimensions in mm
U-DFN2020-6 Type E
Dimensions
Value
(in mm)
C
0.650
X
0.400
X1
0.285
X2
1.050
Y
0.500
Y1
0.920
Y2
1.600
Y3
2.300
A1
Z(4X)
b1
L1
K1
K2
D
D2
E
e
b(6X)
L(2X)
E2
A
A3
X1
Y3
X (6x)
C
X2
Y1
Y2
Y (2x)


Similar Part No. - DMP25H18DLFDE-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP25H18DLFDE-13 DIODES-DMP25H18DLFDE-13 Datasheet
247Kb / 7P
   Low Gate Threshold Voltage
More results

Similar Description - DMP25H18DLFDE-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP4525Z DIODES-ZVP4525Z_15 Datasheet
143Kb / 9P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6TC DIODES-ZVP4525E6TC Datasheet
417Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVP4525Z ZETEX-ZVP4525Z Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZVP4525E6 DIODES-ZVP4525E6 Datasheet
417Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525G DIODES-ZVP4525G Datasheet
329Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525Z DIODES-ZVP4525Z Datasheet
143Kb / 9P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6 DIODES-ZVP4525E6_15 Datasheet
318Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525G DIODES-ZVP4525G_15 Datasheet
876Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVP4525G ZETEX-ZVP4525G Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Guangdong Kexin Industr...
KVP4424Z KEXIN-KVP4424Z Datasheet
47Kb / 2P
   250V P-Channel Enhancement Mode Vertical MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com