Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP21D5UFD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP21D5UFD
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP21D5UFD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP21D5UFD_15 Datasheet HTML 1Page - Diodes Incorporated DMP21D5UFD_15 Datasheet HTML 2Page - Diodes Incorporated DMP21D5UFD_15 Datasheet HTML 3Page - Diodes Incorporated DMP21D5UFD_15 Datasheet HTML 4Page - Diodes Incorporated DMP21D5UFD_15 Datasheet HTML 5Page - Diodes Incorporated DMP21D5UFD_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP21D5UFD
Document number: DS35931 Rev. 4 - 2
4 of 6
www.diodes.com
August 2012
© Diodes Incorporated
DMP21D5UFD
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
J
°
I = -250µA
D
I= -1mA
D
-V
, SOURCE-DRAIN VOLTAGE (V)
Fig. 8 Diode Forward Voltage vs. Current
SD
0
0.2
0.4
0.6
0.8
0.4
0.6
0.8
1.0
1.2
1.0
T= 25 C
A
°
1
10
100
0
5
10
15
20
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 9 Typical Junction Capacitance
f = 1MHz
Ciss
Coss
C
rss
1
10
100
1,000
-V
, DRAIN-SOURCE VOLTAGE(V)
Fig. 10 Typical Drain-Source Leakage Current vs. Voltage
DS
T = 1
A
25 C
°
04
8
12
16
20
T = 8
A
5C
°
T = 2
A
5C
°
T = 1
A
50 C
°
0.1
1
10
100
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 11 SOA, Safe Operation Area
P
= 10ms
W
T
= 150 C
T= 25 C
Single Pulse
J(MAX)
A
°
°
0.001
0.01
0.1
1
P
= 10s
W
DC
P= 1s
W
P
= 100ms
W
R
Limited
DS(ON)
P= 1ms
W
P
= 100µs
W
0
1
2
3
4
5
6
7
8
0
0.1 0.2 0.3 0.4
0.5 0.6 0.7 0.8 0.9 1.0
Q , TOTAL GATE CHARGE (nC)
Fig. 12 Gate-Charge Characteristics
g


Similar Part No. - DMP21D5UFD_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP21D5UFD DIODES-DMP21D5UFD_17 Datasheet
459Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP21D5UFD_15

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com