Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2053TR13 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2053TR13
Description  HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2053TR13 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2053TR13 Datasheet HTML 6Page - RF Micro Devices RF2053TR13 Datasheet HTML 7Page - RF Micro Devices RF2053TR13 Datasheet HTML 8Page - RF Micro Devices RF2053TR13 Datasheet HTML 9Page - RF Micro Devices RF2053TR13 Datasheet HTML 10Page - RF Micro Devices RF2053TR13 Datasheet HTML 11Page - RF Micro Devices RF2053TR13 Datasheet HTML 12Page - RF Micro Devices RF2053TR13 Datasheet HTML 13Page - RF Micro Devices RF2053TR13 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10 of 36
RF2053
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
N=0 0101 1100
NUM=1100 1111 0011 0010 1000 0100
So the registers would be programmed:
P2_N=0 0101 1100
P2_NUM_MSB=1100 1111 0011 0010
P2_NUM_LSB=1000 0100
The maximum NEFF is 511, and the minimum NEFF is 15, when in fractional mode. The minimum step size is FOSC/R*224. Thus
for a 23.92MHz reference, the frequency step size would be 1.4Hz. The minimum reference frequency that can be used is sim-
ply the maximum VCO frequency required divided by 511. For example for a VCO frequency of 2400MHz, the minimum refer-
ence frequency, is 2400/511, 4.697MHz (approx).
Phase Detector and Charge Pump
The chip provides a current output to drive an external loop filter. An external low noise operational amplifier can be used to
design an active loop filter or a passive design can be implemented. This depends on the tuning range of the external VCO. The
maximum charge pump output current is set by the value contained in the P2_CP_DEF field and CP_LO_I.
In the default state (P2_CP_DEF=31 and CP_LO_I=0) the charge pump current (ICPset) is 120uA. If CP_LO_I is set to 1 this
current is reduced to 30uA. Note that lowest phase noise within the loop bandwidth is achieved with the maximum charge
pump current.
The charge pump current can be altered by changing the value of P2_CP_DEF. The charge pump current is defined as:
ICP= ICPset*CP_DEF / 31
Changing the charge pump current will vary the loop filter response, higher current corresponding to a wider loop bandwidth.
The phase detector will operate with a maximum input frequency of 52MHz.
The loop filter calibration (KV_CAL) is not used by the RF2053 and is disabled by default.
Loop Filter
The PLL may be designed to use an active or a passive loop filter as required. The active loop filter uses an external low noise
op-amp. The CFG1:LF_ACT bit is set low in both cases so that the internal op-amp is disabled and a high impedance is pre-
sented to the LFILT1 pin. The RF205x Programming Tool software can assist with loop filter designs. Because the op-amp is
used in an inverting configuration in active mode, when the passive loop filter mode is selected the phase-detector polarity
should be inverted. For active mode, CFG1:PDP=1, for passive mode, CFG1:PDP=0.
The charge pump output voltage compliance range is typically +0.7V to +1.5V. For applications using a passive loop filter the
required VCO tuning voltage must fall within this voltage range under all conditions. When using an external op-amp as an inte-
grator for the loop filter, as shown above, the non-inverting terminal should be referenced to +1.1V. This holds the charge
pump output at this voltage in the center of its compliance range. The op-amp power supplies must be adequate to provide the
necessary VCO tuning voltage.
+
-
LFILT1
RF2053
Charge Pump
+1.1V
Typical active
loop filter
To VCO tuning


Similar Part No. - RF2053TR13

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF2050D0050 ADAM-TECH-RF2050D0050 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050D0075 ADAM-TECH-RF2050D0075 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050DAS50 ADAM-TECH-RF2050DAS50 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050DAS75 ADAM-TECH-RF2050DAS75 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050P0050 ADAM-TECH-RF2050P0050 Datasheet
154Kb / 1P
   RF CONNECTORS
More results

Similar Description - RF2053TR13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX8410L TI1-LMX8410L Datasheet
1Mb / 63P
[Old version datasheet]   High-Performance Mixer With Integrated Synthesizer
logo
Integrated Device Techn...
ICS8430002 IDT-ICS8430002 Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
   Fractional-N Synthesizer Integrated VCO
logo
RF Micro Devices
RFFC2071 RFMD-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
Qorvo, Inc
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
RF Micro Devices
RFFC2071A RFMD-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RF2052 RFMD-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
logo
Hittite Microwave Corpo...
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
   FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
logo
Qorvo, Inc
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
logo
Asahi Kasei Microsystem...
AK1575 AKM-AK1575 Datasheet
1Mb / 35P
   Up Converter Mixer with Fractional-N Frequency Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com