Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1E240BN Datasheet(PDF) 2 Page - Rohm

Part # RS1E240BN
Description  Nch 30V 24A Middle Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RS1E240BN Datasheet(HTML) 2 Page - Rohm

  RS1E240BN Datasheet HTML 1Page - Rohm RS1E240BN Datasheet HTML 2Page - Rohm RS1E240BN Datasheet HTML 3Page - Rohm RS1E240BN Datasheet HTML 4Page - Rohm RS1E240BN Datasheet HTML 5Page - Rohm RS1E240BN Datasheet HTML 6Page - Rohm RS1E240BN Datasheet HTML 7Page - Rohm RS1E240BN Datasheet HTML 8Page - Rohm RS1E240BN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RS1E240BN
          
               
Datasheet
l
lThermal resistance
                                   
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - ambient
RthJA*2
-
41.7
-
/W
Thermal resistance, junction - case
RthJC*3
-
4.17
-
/W
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Drain - Source breakdown
voltage
V(BR)DSS VGS = 0V, ID = 1mA
30
-
-
V
Breakdown voltage
temperature coefficient
 ΔV(BR)DSS  ID = 1mA
-
21
-
mV/
   ΔTj     referenced to 25
Zero gate voltage
drain current
IDSS
VDS = 30V, VGS = 0V
-
-
1
μA
Gate - Source leakage current
IGSS
VGS = ±20V, VDS = 0V
-
-
±100
nA
Gate threshold voltage
VGS(th)
VDS = 10V, ID = 1mA
1.0
-
2.5
V
Gate threshold voltage
temperature coefficient
 ΔVGS(th)   ID = 1mA
-
-3
-
mV/
   ΔTj     referenced to 25
Static drain - source
on - state resistance
RDS(on)*4
VGS = 10V, ID = 24A
-
2.3
3.2
VGS = 4.5V, ID = 24A
-
3.3
4.6
Transconductance
gfs*4
VDS = 5V, ID = 24A
18
-
-
S
*1 Pw 10μs, Duty cycle 1%
*2 MOUNTED ON 40mm×40mm Cu BOARD
*3 Tc=25
*4 Pulsed
                                             
 
                                           
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
2/11
20141215 - Rev.001


Similar Part No. - RS1E240BN

ManufacturerPart #DatasheetDescription
logo
Rohm
RS1E240GN ROHM-RS1E240GN Datasheet
2Mb / 12P
   Nch 30V 72A Power MOSFET
More results

Similar Description - RS1E240BN

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ3E110AJ ROHM-RQ3E110AJ Datasheet
2Mb / 14P
   Nch 30V 24A Middle Power MOSFET
HP8K22 ROHM-HP8K22 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
UT6K3 ROHM-UT6K3 Datasheet
1Mb / 15P
   30V NchNch Middle Power MOSFET
QH8KA4 ROHM-QH8KA4 Datasheet
1Mb / 14P
   30V NchNch Middle Power MOSFET
SH8KA7 ROHM-SH8KA7 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8K24 ROHM-HP8K24 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
SH8KA2 ROHM-SH8KA2 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8S36 ROHM-HP8S36 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
QS8K2FRA ROHM-QS8K2FRA Datasheet
1Mb / 14P
   30V Nch Nch Middle Power MOSFET
SP8K2FRA ROHM-SP8K2FRA Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com