Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2053SR Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2053SR
Description  HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2053SR Datasheet(HTML) 4 Page - RF Micro Devices

  RF2053SR Datasheet HTML 1Page - RF Micro Devices RF2053SR Datasheet HTML 2Page - RF Micro Devices RF2053SR Datasheet HTML 3Page - RF Micro Devices RF2053SR Datasheet HTML 4Page - RF Micro Devices RF2053SR Datasheet HTML 5Page - RF Micro Devices RF2053SR Datasheet HTML 6Page - RF Micro Devices RF2053SR Datasheet HTML 7Page - RF Micro Devices RF2053SR Datasheet HTML 8Page - RF Micro Devices RF2053SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4 of 36
RF2053
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
-0.5 to +3.6
V
Input Voltage (VIN), any Pin
-0.3 to VDD+0.3
V
RF/IF Mixer Input Power
+15
dBm
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
ESD Requirements
Human Body Model
General
2000
V
RF Pins
1000
V
Machine Model
General
200
V
RF Pins
100
V
Operating Conditions
Supply Voltage (VDD)
2.7
3.0
3.6
V
Temperature (TOP)
-40
+85
°C
Logic Inputs/Outputs
VDD=Supply to DIG_VDD pin
Input Low Voltage
-0.3
+0.5
V
Input High Voltage
VDD / 1.5
VDD
V
Input Low Current
-10
+10
uA
Input=0V
Input High Current
-10
+10
uA
Input=VDD
Output Low Voltage
0
0.2*VDD
V
Output High Voltage
0.8*VDD
VDD
V
Load Resistance
10
k
Load Capacitance
20
pF
Static
Programmable Supply Current
(IDD)
Low Current Setting
50
mA
High Linearity Setting
70
mA
Standby
3
mA
Reference oscillator and bandgap only.
Power Down Current
140
AENBL=0 and REF_STBY=0
Mixer
Mixer output driving 4:1 balun.
Gain
-2
dB
Not including balun losses.
Noise Figure
Low Current Setting
9.5
dB
High Linearity Setting
12
dB


Similar Part No. - RF2053SR

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF2050D0050 ADAM-TECH-RF2050D0050 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050D0075 ADAM-TECH-RF2050D0075 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050DAS50 ADAM-TECH-RF2050DAS50 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050DAS75 ADAM-TECH-RF2050DAS75 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050P0050 ADAM-TECH-RF2050P0050 Datasheet
154Kb / 1P
   RF CONNECTORS
More results

Similar Description - RF2053SR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX8410L TI1-LMX8410L Datasheet
1Mb / 63P
[Old version datasheet]   High-Performance Mixer With Integrated Synthesizer
logo
Integrated Device Techn...
ICS8430002 IDT-ICS8430002 Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
   Fractional-N Synthesizer Integrated VCO
logo
RF Micro Devices
RFFC2071 RFMD-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
Qorvo, Inc
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
RF Micro Devices
RFFC2071A RFMD-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RF2052 RFMD-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
logo
Hittite Microwave Corpo...
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
   FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
logo
Qorvo, Inc
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
logo
Asahi Kasei Microsystem...
AK1575 AKM-AK1575 Datasheet
1Mb / 35P
   Up Converter Mixer with Fractional-N Frequency Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com