Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2053SB Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2053SB
Description  HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2053SB Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2053SB Datasheet HTML 2Page - RF Micro Devices RF2053SB Datasheet HTML 3Page - RF Micro Devices RF2053SB Datasheet HTML 4Page - RF Micro Devices RF2053SB Datasheet HTML 5Page - RF Micro Devices RF2053SB Datasheet HTML 6Page - RF Micro Devices RF2053SB Datasheet HTML 7Page - RF Micro Devices RF2053SB Datasheet HTML 8Page - RF Micro Devices RF2053SB Datasheet HTML 9Page - RF Micro Devices RF2053SB Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6 of 36
RF2053
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics for the RF2053 synthesizer
VDD=3V, TA=25°C, as measured on RF2053 evaluation board, Phase Detector Frequency=26MHz.
Typical Performance Characteristics for the RF2053
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
0.1
1
10
100
1000
10000
Phase
Noise
(dBc/Hz)
Offset Frequency (kHz)
Phase Noise of RF2053 and UMS-2150-R16 VCO
(Wideband EVB)
950MHz
1250MHz
1550MHz
1850MHz
2150MHz
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
0.1
1
10
100
1000
10000
Phase
Noise
(dBc/Hz)
Offset Frequency (kHz)
Phase Noise of RF2053 and UMX-236-D16 VCO
(Narrowband EVB) at 1660MHz
Icp = 011111
Icp = 111111
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
10
20
30
40
50
Phase
Noise
(dBc/Hz)
Phase Detector Frequency (MHz)
Synthesizer Output Phase Noise Floor at
1kHz Offset versus Phase Detector Frequency
2GHz
1GHz
0.5GHz
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
10
20
30
40
50
Phase
Noise
(dBc/Hz)
Phase Detector Frequency (MHz)
Synthesizer Output Phase Noise Floor at
10kHz Offset versus Phase Detector Frequency
2GHz
1GHz
0.5GHz
40.0
45.0
50.0
55.0
60.0
65.0
70.0
75.0
80.0
001
010
011
100
101
Supply
Current
(mA)
Mixer Bias Current Setting (MIX2_IDD)
Operating Current versus Temperature and
Supply Voltage
-40DegC, +2.7V
-40DegC, +3.0V
-40DegC, +3.6V
+27DegC, +2.7V
+27DegC, +3.0V
+27DegC, +3.6V
+85DegC, +2.7V
+85DegC, +3.0V
+85DegC, +3.6V


Similar Part No. - RF2053SB

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF2050D0050 ADAM-TECH-RF2050D0050 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050D0075 ADAM-TECH-RF2050D0075 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050DAS50 ADAM-TECH-RF2050DAS50 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050DAS75 ADAM-TECH-RF2050DAS75 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050P0050 ADAM-TECH-RF2050P0050 Datasheet
154Kb / 1P
   RF CONNECTORS
More results

Similar Description - RF2053SB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX8410L TI1-LMX8410L Datasheet
1Mb / 63P
[Old version datasheet]   High-Performance Mixer With Integrated Synthesizer
logo
Integrated Device Techn...
ICS8430002 IDT-ICS8430002 Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
   Fractional-N Synthesizer Integrated VCO
logo
RF Micro Devices
RFFC2071 RFMD-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
Qorvo, Inc
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
RF Micro Devices
RFFC2071A RFMD-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RF2052 RFMD-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
logo
Hittite Microwave Corpo...
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
   FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
logo
Qorvo, Inc
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
logo
Asahi Kasei Microsystem...
AK1575 AKM-AK1575 Datasheet
1Mb / 35P
   Up Converter Mixer with Fractional-N Frequency Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com