Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK2051 Datasheet(PDF) 7 Page - RF Micro Devices

Part # DK2051
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

DK2051 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button DK2051 Datasheet HTML 3Page - RF Micro Devices DK2051 Datasheet HTML 4Page - RF Micro Devices DK2051 Datasheet HTML 5Page - RF Micro Devices DK2051 Datasheet HTML 6Page - RF Micro Devices DK2051 Datasheet HTML 7Page - RF Micro Devices DK2051 Datasheet HTML 8Page - RF Micro Devices DK2051 Datasheet HTML 9Page - RF Micro Devices DK2051 Datasheet HTML 10Page - RF Micro Devices DK2051 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7 of 39
RF2051
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics: Synthesizer and VCO - VDD=3V, TA=25°C unless stated, as measured on RF2051
evaluation board, for application schematic see page 36.
VCO2 Open Loop Phase Noise
-160
-140
-120
-100
-80
-60
-40
-20
1
10
100
1000
10000
Offset Frequency (kHz)
2000MHz
1800MHz
1600MHz
VCO3 Open Loop Phase Noise
-160
-140
-120
-100
-80
-60
-40
-20
1
10
100
1000
10000
Offset Frequency (kHz)
1600MHz
1400MHz
1200MHz
VCO1 Open Loop Phase Noise
-160
-140
-120
-100
-80
-60
-40
-20
1
10
100
1000
10000
Offset Frequency (kHz)
2400MHz
2200MHz
2000MHz
VCO1 FVCO versus VT
for the same coarse tune setting
2045
2050
2055
2060
2065
2070
2075
2080
2085
2090
2095
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VT (V)
-40
80
VCO2 Tuning Gain versus Frequency
0
5
10
15
20
25
30
35
40
1500
1600
1700
1800
1900
2000
2100
FVCO (MHz)
VCO1 Tuning Gain versus Frequency
0
5
10
15
20
25
30
35
40
45
50
1900
2000
2100
2200
2300
2400
2500
FVCO (MHz)


Similar Part No. - DK2051

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
DK2052 RFMD-DK2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
DK2053 RFMD-DK2053 Datasheet
1Mb / 36P
   HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
DK2053WB RFMD-DK2053WB Datasheet
1Mb / 36P
   HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
More results

Similar Description - DK2051

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF2051 QORVO-RF2051 Datasheet
1Mb / 39P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
logo
RF Micro Devices
RF2052 RFMD-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
RF2054 RFMD-RF2054 Datasheet
2Mb / 39P
   LOW POWER PLL AND VCO WITH INTEGRATED MIXERS
logo
Qorvo, Inc
RF2054 QORVO-RF2054 Datasheet
2Mb / 39P
   LOW POWER PLL AND VCO WITH INTEGRATED MIXERS
logo
Renesas Technology Corp
8V97003 RENESAS-8V97003_V01 Datasheet
1Mb / 66P
   171.875MHz to 18GHz RF / mmWave Wideband Synthesizer with Integrated VCO
April 8, 2021
8V97003 RENESAS-8V97003 Datasheet
2Mb / 65P
   171.875MHz to 18GHz RF / mmWave Wideband Synthesizer with Integrated VCO
8V97052 RENESAS-8V97052 Datasheet
856Kb / 48P
   High Resolution Wideband RF Synthesizer / PLL
May 20, 2021
logo
Qorvo, Inc
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
RF Micro Devices
RFFC2071A RFMD-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com