Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3582-12 Datasheet(PDF) 15 Page - Linear Technology

Part # LT3582-12
Description  Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582-12 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3582-12_15 Datasheet HTML 11Page - Linear Technology LT3582-12_15 Datasheet HTML 12Page - Linear Technology LT3582-12_15 Datasheet HTML 13Page - Linear Technology LT3582-12_15 Datasheet HTML 14Page - Linear Technology LT3582-12_15 Datasheet HTML 15Page - Linear Technology LT3582-12_15 Datasheet HTML 16Page - Linear Technology LT3582-12_15 Datasheet HTML 17Page - Linear Technology LT3582-12_15 Datasheet HTML 18Page - Linear Technology LT3582-12_15 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LT3582/LT3582-5/LT3582-12
15
3582512fb
several start-up issues have occurred: A) the expected
VOUTP ramp up path is not followed B) inductor current
ringing occurs C) the VOUTP ramp rate is limited due to
the output disconnect current limit being reached D) ad-
ditional ringing occurs when the CAPP pin starts charging
E) output voltage overshoot occurs because the inductor
currents are maximized during the output ramp-up.
In some cases it may be desirable to use only one RAMP
pin capacitor. In cases where PUSEQ = 11 (see the
Power-
Up Sequencing section) the RAMPP and RAMPN pins
can be connected together and to a single capacitor. In
this case the capacitor will charge with twice the current
configured by the IRMP bits.
Ramping VOUTP from Ground: The LT3582 series has
the unique ability to generate a smooth VOUTP voltage
ramp starting from ground and continuing all the way up
to regulation (see Figure 6). This ability is not possible
with typical Boost converters in which the output is taken
from the cathode of the Schottky diode (CAPP node in
Figure 5).
L1
D1
SWP
C1
VOUTP
C3
VIN
C2
CAPP
LT3582
SERIES
DISCONNECT
CONTROL
LOAD
3582512 F05
APPLICATIONS INFORMATION
The LT3582 series incorporates an output disconnect
PMOS allowing VOUTP to be grounded during shutdown.
Once enabled, the Disconnect Control circuit actively
drives the PMOS gate allowing VOUTP to ramp up linearly
as shown in Figure 6. Once VOUTP reaches regulation,
the PMOS is fully turned “on” to reduce resistance and
improve efficiency.
Power-Up Sequencing (PUSEQ bits)
Once enabled, the part requires a delay of TSTART-UP (64μs
typ) to properly configure itself. Once configured, the order
in which VOUTP and VOUTN ramp to regulation is controlled
by the PUSEQ bits. The combinations available for the
LT3582 are shown in Table 2. The LT3582-5/LT3582-12
are pre-configured with the 11 combination.
Table 2. Power-Up Sequences
PUSEQ[1:0] Power-Up Sequence
00
Outputs are disabled, neither output ramps up
01
VOUTN ramps up 1st, followed by VOUTP
10
VOUTP ramps up 1st, followed by VOUTN
11
Both VOUTP and VOUTN ramp-up starting at the same time.
Selecting the 01 or 10 combinations cause one of the out-
puts to start ramping shortly after SHDN rises. The ramp
rate of VOUT is controlled by the RAMP pin as discussed
in the Soft-Start section. After VOUT nears its target regula-
Figure 5. Boost Converter Topology
Figure 6. VOUTP Soft-Start Ramping from Ground
Figure 7. VOUTP Soft-Start with Excessive Ramp Rate
3582512 F06
CAPP
2V/DIV
IL2
0.2A/DIV
VRAMPP
0.2V/DIV
VOUTP
2V/DIV
1ms/DIV
3582512 F07
VOUTP
3V/DIV
VRAMPP
0.5V/DIV
CAPP
3V/DIV
IL2
0.2A/DIV
50μs/DIV
A
C
E
BD


Similar Part No. - LT3582-12_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3582-12 LINER-LT3582-12 Datasheet
376Kb / 28P
   I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
More results

Similar Description - LT3582-12_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3582-5 LINER-LT3582-5_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582 LINER-LT3582_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582 LINER-LT3582 Datasheet
376Kb / 28P
   I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
logo
Torex Semiconductor
XCL301 TOREX-XCL301 Datasheet
718Kb / 19P
   Inductor Built-in Inverting ?쐌icro DC/DC??Converters
logo
Linear Technology
LT3580IDD LINER-LT3580IDD Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Linear Technology
LT3580 LINER-LT3580 Datasheet
460Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com