Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB521ES-30 Datasheet(PDF) 2 Page - Rohm

Part # RB521ES-30
Description  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB521ES-30 Datasheet(HTML) 2 Page - Rohm

  RB521ES-30 Datasheet HTML 1Page - Rohm RB521ES-30 Datasheet HTML 2Page - Rohm RB521ES-30 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
0.5
1
1.5
2
0
10
20
30
Sin(θ=180)
D=1/2
DC
Tj=150℃
0
50
100
150
200
0
50
100
150
200
DC
D=1/2
Sin(θ=180)
Tj=150℃
0
5
10
15
20
25
30
35
Ave.:6.6ns
Tj=25℃
IF=0.1A
IR=0.1A
Irr/IR=0.1
n=10pcs
0
1
2
3
4
5
6
7
8
9
10
Ave.:3.7A
5
6
7
8
9
10
Tj=25℃
f=1MHz
VR=0V
n=10pcs
Ave.:7pF
0
1
2
3
4
5
Ave.:1.4uA
Tj=25℃
VR=60V
n=30pcs
100
150
200
250
300
350
400
Ave.:294.7mV
Tj=25℃
IF=100mA
n=30pcs
1
10
0
10
20
30
Tj=25℃
f=1MHz
0.01
0.1
1
10
100
1000
10000
100000
0
10
20
30
Tj=150℃
Tj=125℃
Tj=75℃
Tj=25℃
Tj=-25℃
1
10
100
0
100 200 300 400 500 600 700 800
FORWARD VOLTAGE:VF(mV)
REVERSE VOLTAGE:VR(V)
REVERSE VOLTAGE:VR(V)
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISPERSION MAP
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
REVERSE VOLTAGE:VR(V)
RB521ES-30
Diode
RB521ES-30
trr DISPERSION MAP
Tj=125℃
Tj=75℃
Tj=-25℃
Tj=25℃
VF-IF CHARACTERISTICS
VR-IR CHARACTERISTICS
VR-Ct CHARACTERISTICS
Io-PF CHARACTERISTICS
VR-PR CHARACTERISTICS
8.3ms
IFSM
1cyc
Ta=25℃
Tj=125℃
Datasheet
2015.07 - Rev.A
2/2
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.


Similar Part No. - RB521ES-30

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RB521ES-30 RECTRON-RB521ES-30 Datasheet
353Kb / 4P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - RB521ES-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com