Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT65-0006 Datasheet(PDF) 1 Page - Tyco Electronics

Part # DT65-0006
Description  Negative Output Plastic Detector, 840 - 2200 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DT65-0006 Datasheet(HTML) 1 Page - Tyco Electronics

  DT65-0006 Datasheet HTML 1Page - Tyco Electronics DT65-0006 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
n
High Output Sensitivity
n
Small, SMT, Plastic SO-14 Package
n
Single Design to Cover Cellular, PCS and UMTS Bands
n
Single Ended or Differential Output
Description
M/A-COM’s DT65-0006 is a plastic detector in an SMT
plastic package. The DT65-0006 usable input power range
is from Tss to +20 dBm. Square law response is from Tss
to
approximately
–15
dBm,
linear
range
is
between –15 dBm and approximately +6 dBm with
saturation through +20 dBm and burnout occurring beyond
+23 dBm.
This bias schottky detector offers generally high sensitivity
(K). The RF power handling of these detectors make them
particularly useful in signal processing and power monitor-
ing for telecommunication equipment.
An internal
reference diode is provided for use as a differential
detector.
Negative Output Plastic Detector,
840 - 2200 MHz
SO-14
Electrical Specifications: TA = 25°C, VCC = +5.0V, Load Resistance = 30K Ohms
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Voltage Sensitivity
(K)
RF IN = -20 dBm
840-2200 MHz
mV/mW
1800
2080
In-Band Flatness
RF IN = 0 dBm
840-2200 MHz
dB
0.50
Tss
RF IN = 0 dBm
1.5 GHz
dBm
-47
-45
RF Bypass
Capacitance
840-2200 MHz
pF
10
Video Resistance
840-2200 MHz
Ohms
300
V 1.00


Similar Part No. - DT65-0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DT65-0009 MACOM-DT65-0009 Datasheet
216Kb / 2P
   Positive Output Plastic Detector, 840 - 2200 MHz
DT65-0009-TB MACOM-DT65-0009-TB Datasheet
216Kb / 2P
   Positive Output Plastic Detector, 840 - 2200 MHz
DT65-0009TR MACOM-DT65-0009TR Datasheet
216Kb / 2P
   Positive Output Plastic Detector, 840 - 2200 MHz
More results

Similar Description - DT65-0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DT65-0009 MACOM-DT65-0009 Datasheet
216Kb / 2P
   Positive Output Plastic Detector, 840 - 2200 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC0327A TAI-SAW-TC0327A Datasheet
298Kb / 6P
   SAW Resonator 840 MHz
TC0327BA3510 TAI-SAW-TC0327BA3510 Datasheet
831Kb / 6P
   SAW Resonator 840 MHz SMD 3.8X3.8 mm
logo
TEMIC Semiconductors
U2784B TEMIC-U2784B Datasheet
151Kb / 11P
   2200 MHz / 200 MHz Twin PLL
logo
Yantel Corporation
DC1800U10-123 YANTEL-DC1800U10-123 Datasheet
408Kb / 4P
   Directional Coupler 1700 MHz-2200 MHz
DC1800U05-050 YANTEL-DC1800U05-050 Datasheet
355Kb / 4P
   Directional Coupler 1700 MHz-2200 MHz
logo
Analog Devices
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
   30 MHz to 2200 MHz Quadrature Modulator
REV. B
logo
Yantel Corporation
QF2100Q06B YANTEL-QF2100Q06B Datasheet
9Mb / 8P
   Quadrifilar Directional Coupler 1980 MHz-2200 MHz
QF2100Q06B2 YANTEL-QF2100Q06B2 Datasheet
1Mb / 7P
   Quadrifilar Directional Coupler 1980 MHz-2200 MHz
logo
Analog Devices
ADL5385 AD-ADL5385 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com