Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OS10040280GW Datasheet(PDF) 3 Page - RF Micro Devices

Part # OS10040280GW
Description  GaAs Optical Receiver 40MHz to 1000MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

OS10040280GW Datasheet(HTML) 3 Page - RF Micro Devices

  OS10040280GW Datasheet HTML 1Page - RF Micro Devices OS10040280GW Datasheet HTML 2Page - RF Micro Devices OS10040280GW Datasheet HTML 3Page - RF Micro Devices OS10040280GW Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140317
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 4
OS10040280GW
Cable Lengths and Connector Types
Tab
Dimension A
Optical Connector
Type
Inches
Tolerance
mm
Tolerance
-012
33.4
-4 to +0.5
848
-102 to +13
FC/APC
-013
33.4
-4 to +0.5
848
-102 to +13
SC/APC
-014
37.5
-3.5 to +0.5
952
-89 to +13
FC/APC
-015
37.5
-3.5 to +0.5
952
-89 to +13
SC/APC
-016
21.1
-1.5 to +0.5
536
-38 to +13
FC/APC
-017
21.1
-1.5 to +0.5
536
-38 to +13
SC/APC
Cable Lengths and Connector Types (continued)
Tab
Dimension B
Inches
mm
-012
No outer jacket
-013
No outer jacket
-014
0.315 to 0.710
8.0 to 18.0
-015
0.315 to 0.710
8.0 to 18.0
-016
0.315 to 0.710
8.0 to 18.0
-017
0.315 to 0.710
8.0 to 18.0


Similar Part No. - OS10040280GW

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
OS10040280GW PDI-OS10040280GW Datasheet
159Kb / 5P
   Superior return loss performance
logo
Qorvo, Inc
OS10040280GW QORVO-OS10040280GW Datasheet
336Kb / 4P
   GaAs Optical Receiver 40MHz to 1000MHz
OS10040280GW-012 QORVO-OS10040280GW-012 Datasheet
336Kb / 4P
   GaAs Optical Receiver 40MHz to 1000MHz
OS10040280GW-013 QORVO-OS10040280GW-013 Datasheet
336Kb / 4P
   GaAs Optical Receiver 40MHz to 1000MHz
OS10040280GW-014 QORVO-OS10040280GW-014 Datasheet
336Kb / 4P
   GaAs Optical Receiver 40MHz to 1000MHz
More results

Similar Description - OS10040280GW

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
OS10040320PW QORVO-OS10040320PW Datasheet
337Kb / 4P
   GaAs Optical Receiver 40MHz to 1000MHz
logo
RF Micro Devices
OS10040320PW RFMD-OS10040320PW Datasheet
337Kb / 4P
   GaAs Optical Receiver 40MHz to 1000MHz
logo
Qorvo, Inc
OS10040280GW QORVO-OS10040280GW Datasheet
336Kb / 4P
   GaAs Optical Receiver 40MHz to 1000MHz
logo
RF Micro Devices
D10040180GTH RFMD-D10040180GTH Datasheet
264Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
S10040230GT RFMD-S10040230GT Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 1000MHz
D10040250GTH RFMD-D10040250GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
S10040280GT QORVO-S10040280GT Datasheet
265Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 1000MHz
D10040270GT QORVO-D10040270GT Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040180GTH QORVO-D10040180GTH Datasheet
264Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
RF Micro Devices
D10040180GT RFMD-D10040180GT Datasheet
228Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com