Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLB-310-T1 Datasheet(PDF) 7 Page - RF Micro Devices

Part # NLB-310-T1
Description  Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NLB-310-T1 Datasheet(HTML) 7 Page - RF Micro Devices

  NLB-310-T1 Datasheet HTML 1Page - RF Micro Devices NLB-310-T1 Datasheet HTML 2Page - RF Micro Devices NLB-310-T1 Datasheet HTML 3Page - RF Micro Devices NLB-310-T1 Datasheet HTML 4Page - RF Micro Devices NLB-310-T1 Datasheet HTML 5Page - RF Micro Devices NLB-310-T1 Datasheet HTML 6Page - RF Micro Devices NLB-310-T1 Datasheet HTML 7Page - RF Micro Devices NLB-310-T1 Datasheet HTML 8Page - RF Micro Devices NLB-310-T1 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131015
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
7 of 9
NLB-310
Tape and Reel Dimensions (all dimensions in millimeters)
14.732 mm (7
”) REEL
Plastic, Micro-X
ITEMS
SYMBOL
SIZE (mm)
SIZE (inches)
FLANGE
Diameter
B
178 +0.25/-4.0
7.0 +0.079/-0.158
Thickness
T
18.4 MAX
0.724 MAX
Space Between Flange
F
12.8 +2.0
0.50 +0.08
HUB
Outer Diameter
O
76.2 REF
3.0 REF
Spindle Hole Diameter
S
13.716 +0.5/-0.2
0.540 +0.020/-0.008
Key Slit Width
A
1.5 MIN
0.059 MIN
Key Slit Diameter
D
20.2 MIN
0.795 MIN


Similar Part No. - NLB-310-T1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-310-T1 RFMD-NLB-310-T1 Datasheet
205Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310-T1 RFMD-NLB-310-T1 Datasheet
178Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310-T1 RFMD-NLB-310-T1 Datasheet
262Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
More results

Similar Description - NLB-310-T1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-310 RFMD-NLB-310_06 Datasheet
178Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300 RFMD-NLB-300_07 Datasheet
266Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300 RFMD-NLB-300 Datasheet
204Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310 Datasheet
205Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310_1 Datasheet
262Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300 RFMD-NLB-300_13 Datasheet
1,017Kb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com