Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM2892 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM2892
Description  SPI/Digital or I2C Module Isolator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2892 Datasheet(HTML) 4 Page - Linear Technology

  LTM2892_15 Datasheet HTML 1Page - Linear Technology LTM2892_15 Datasheet HTML 2Page - Linear Technology LTM2892_15 Datasheet HTML 3Page - Linear Technology LTM2892_15 Datasheet HTML 4Page - Linear Technology LTM2892_15 Datasheet HTML 5Page - Linear Technology LTM2892_15 Datasheet HTML 6Page - Linear Technology LTM2892_15 Datasheet HTML 7Page - Linear Technology LTM2892_15 Datasheet HTML 8Page - Linear Technology LTM2892_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTM2892
4
2892f
For more information www.linear.com/LTM2892
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC1 = 5V, VCC2 = 5V, VL1 = 3.3V, VL2 = 3.3V, GND1 = GND2 = 0V,
ON1 = VL1, and ON2 = VL2 unless otherwise noted. Specifications apply to all options unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I2C
VIL
Low Level Input Voltage
SCLIN, SDA1
SDA2
l
l
0.3•VL1
0.3•VL2
V
V
VIH
High Level Input Voltage
SCLIN, SDA1
SDA2
l
l
0.7•VL1
0.7•VL2
V
V
IINL
Input Current
SCLIN, SDA1 = VL1 or 0V
SDA2 = VL2, SDA2 = VL2 = 0V
l
l
±1
±1
µA
µA
VHYS
Input Hysteresis
SCLIN, SDA1
SDA2
0.05•VL1
0.05•VL2
mV
mV
VOH
Output High Voltage
SCLOUT, ILOAD = –2mA
l
VL2 – 0.4
V
VOL
Output Low Voltage
SDA1, ILOAD = 3mA, SCLOUT, ILOAD = 2mA
SDA2 = No Load, SDA1 = 0V, 4.5V ≤ VL2 < 5.5V
SDA2 = No Load, SDA1 = 0V, 3V ≤ VL2 < 4.5V
l
l
l
0.3
0.4
0.45
0.55
V
V
V
CIN
Input Pin Capacitance
SCLIN, SDA1, SDA2 (Note 2)
l
10
pF
CB
Bus Capacitive Load
SCLOUT, Standard Speed (Note 2)
SCLOUT, Fast Speed
SDA1, SDA2, SR ≥ 1V/μs, Standard Speed (Note 2)
SDA1, SDA2, SR ≥ 1V/μs, Fast Speed
l
l
l
l
400
200
400
200
pF
pF
pF
pF
SDA, SDA2 Slew Rate
l
1
V/µs
ISC
Short-Circuit Current
SDA2 = 0, SDA1 = VL1
0V ≤ SCLOUT ≤ VL2
SDA1 = 0, SDA2 = VL2
SDA1 = VL1, SDA2 = 0
l
±30
6
–1.8
100
mA
mA
mA
mA
ESD (HBM) (Note 2)
Isolation Boundary
GND2 to GND1
(VCC2, VL2, GND2) to (VCC1, VL1, GND1)
±15
±10
kV
kV
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic/SPI
Maximum Data Rate
INx → OUTx, CL = 15pF (Note 3)
Bidirectional SPI Communication
Unidirectional SPI Communication
l
l
l
10
4
8
MHz
MHz
MHz
tPHL, tPLH
Propagation Delay
INx → OUTx, CL = 15pF (Figure 1)
l
35
60
100
ns
tR, tF
Rise and Fall Time
OUTx, CL = 15pF (Figure 1)
LTM2892-I, OUTB, CL = 15pF (Figure 1)
l
l
3
20
12.5
35
ns
ns
tPWU
Output Pulse Width Uncertainty
OUTB, OUTC, OUTE, OUTF (Note 2)
–20
50
ns
tPZH, tPZL
Output Enable Time
EOUTx = ↓ to OUTx, RL = 1k, CL = 15pF (Figure 2)
l
50
ns
tPHZ, tPLZ
Output Disable Time
EOUTx = ↑ to OUTx, RL = 1k, CL = 15pF (Figure 2)
l
50
ns
tPZH, tPZL
ONx Enable Time
ONx = ↑ to OUTx, RL = 1k, CL = 15pF (Figure 4)
l
60
μs
tPHZ, tPLZ
ONx Disable Time
ONx = ↓ to OUTx, RL = 1k, CL = 15pF (Figure 4)
l
50
ns
swiTching characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC1 = 5V, VCC2 = 5V, VL1 = 3.3V, VL2 = 3.3V, GND1 = GND2 = 0V,
ON1 = VL1, and ON2 = VL2 unless otherwise noted. Specifications apply to all options unless otherwise noted.


Similar Part No. - LTM2892_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2892 LINER-LTM2892 Datasheet
655Kb / 38P
   SPI/Digital or I2C 關Module Isolator
LTM2892 LINER-LTM2892 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
logo
Analog Devices
LTM2892 AD-LTM2892 Datasheet
1Mb / 30P
   7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
LTM2892 AD-LTM2892 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
LTM2892 AD-LTM2892 Datasheet
242Kb / 26P
   I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
More results

Similar Description - LTM2892_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2892 LINER-LTM2892 Datasheet
655Kb / 38P
   SPI/Digital or I2C 關Module Isolator
logo
Analog Devices
LTM2810 AD-LTM2810 Datasheet
1Mb / 30P
   7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
logo
Linear Technology
LTM2887 LINER-LTM2887 Datasheet
591Kb / 38P
   SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
LTM2883 LINER-LTM2883_15 Datasheet
869Kb / 36P
   SPI/Digital or I2C Module Isolator with Adjustable 12.5V and 5V Regulated Power
LTM2883 LINER-LTM2883 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883_1211 LINER-LTM2883_1211 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2886 LINER-LTM2886 Datasheet
999Kb / 38P
   SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
logo
Maxim Integrated Produc...
MAX14483 MAXIM-MAX14483_V01 Datasheet
1,022Kb / 26P
   6-Channel, Low-Power, 3.75kVRMS, SPI Digital Isolator
2020
logo
Analog Devices
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com