Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS52-0005 Datasheet(PDF) 2 Page - Tyco Electronics

Part # DS52-0005
Description  Low Cost Two-Way SMT Power Divider 1700 - 1900 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS52-0005 Datasheet(HTML) 2 Page - Tyco Electronics

  DS52-0005 Datasheet HTML 1Page - Tyco Electronics DS52-0005 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 3.0
Low Cost Two-Way SMT Power Divider, 1700-1900 MHz
DS52-0005
2
1. Exceeding these limits may cause permanent damage.
2. With Internal load dissipation of 0.125 W maximum.
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Input Power²
1 W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Functional Diagram
Typical Performance @ +25°C
-3
-2
-1
0
2200
2275
2350
2425
2500
FREQUENCY (MHz)
-26
-24
-22
-20
-18
-16
-14
2200
2275
2350
2425
2500
FREQUENCY (MHz)
-1.5
-1
-0.5
0
2200
2275
2350
2425
2500
FREQUENCY(MHz)
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2200
2275
2350
2425
2500
FREQUENCY (dB)
Insertions Loss vs. Frequency
Isolation vs. Frequency
VSWR vs. Frequency
Recommended PCB Configuration
(Dimensions in Inches)
Phase Balance vs. Frequency Relative to RF1


Similar Part No. - DS52-0005

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS52-0005 MA-COM-DS52-0005 Datasheet
117Kb / 4P
   Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
DS52-0005-TR MA-COM-DS52-0005-TR Datasheet
117Kb / 4P
   Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
DS52-0005SAM MA-COM-DS52-0005SAM Datasheet
117Kb / 4P
   Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
More results

Similar Description - DS52-0005

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0004 MA-COM-MAPDCC0004_15 Datasheet
706Kb / 5P
   Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
DS52-0005 MA-COM-DS52-0005 Datasheet
117Kb / 4P
   Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
MAPDCC0004 MA-COM-MAPDCC0004 Datasheet
116Kb / 4P
   Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
logo
Tyco Electronics
MAPDCC0004 MACOM-MAPDCC0004 Datasheet
244Kb / 4P
   Low Cost Two-Way SMT Power Dvider, 1700-1900 MHz
logo
M/A-COM Technology Solu...
DS52-0014 MA-COM-DS52-0014 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
logo
Tyco Electronics
DS52-0014 MACOM-DS52-0014 Datasheet
600Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700-2000MHz
logo
M/A-COM Technology Solu...
DS56-0006 MA-COM-DS56-0006 Datasheet
95Kb / 4P
   Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
logo
Tyco Electronics
DS56-0006 MACOM-DS56-0006 Datasheet
75Kb / 2P
   Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAPDCC0020 MA-COM-MAPDCC0020 Datasheet
92Kb / 4P
   Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com