Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5800-IPR Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5800-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Manager
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5800-IPR Datasheet(HTML) 4 Page - Linear Technology

  LTC5800-IPR_15 Datasheet HTML 1Page - Linear Technology LTC5800-IPR_15 Datasheet HTML 2Page - Linear Technology LTC5800-IPR_15 Datasheet HTML 3Page - Linear Technology LTC5800-IPR_15 Datasheet HTML 4Page - Linear Technology LTC5800-IPR_15 Datasheet HTML 5Page - Linear Technology LTC5800-IPR_15 Datasheet HTML 6Page - Linear Technology LTC5800-IPR_15 Datasheet HTML 7Page - Linear Technology LTC5800-IPR_15 Datasheet HTML 8Page - Linear Technology LTC5800-IPR_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC5800-IPR
4
5800iprf
For more information www.linear.com/LTC5800-IPR
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage on VSUPPLY..................................3.76V
Input Voltage on AI_0/1/2/3 Inputs........................1.80V
Voltage on Any Digital I/O pin..–0.3V to VSUPPLY + 0.3V
Input RF Level......................................................10dBm
Storage Temperature Range (Note 3)..... –55°C to 125°C
Junction Temperature (Note 3) ............................. 125°C
Operating Temperature Range .................–40°C to 85°C
CAUTION: This part is sensitive to electrostatic discharge
(ESD). It is very important that proper ESD precautions
be observed when handling the LTC5800-IPR.
(Note 1)
Pin functions shown in italics are currently not supported in software.
TOP VIEW
WR PACKAGE
72-LEAD PLASTIC QFN
RADIO_INHIBIT 1
CAP_PA_1P 2
CAP_PA_1M 3
CAP_PA_2M 4
CAP_PA_2P 5
CAP_PA_3P 6
CAP_PA_3M 7
CAP_PA_4M 8
CAP_PA_4P 9
VDDPA 10
LNA_EN 11
RADIO_TX 12
RADIO_TXn 13
ANTENNA 14
AI_0 15
AI_1 16
AI_3 17
AI_2 18
54 VPP
53 EB_IO_OEn
52 EB_IO_WEn
51 RESERVED / UARTC1_RX
50 RESERVED / UARTC1_TX
49 EB_IO_CSOn
48 EB_DATA_5
47 EB_DATA_2
46 EB_DATA_3
45 IPCS_SSn
44 IPCS_SCK
43 EB_ADDR_0
42 IPCS_MOSI
41 EB_ADDR_1
40 IPCS_MISO
39 EB_IO_LE2
38 UARTCO_RX / EB_DATA_1
37 UARTCO_TX / EB_IO_LE0
EXPOSED PAD
(GND)
TJMAX = 125°C, θJC top = 0.2°C/W, θJCbottom = 0.6°C/W
EXPOSED PAD IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
RECOMMENDED OPERATING CONDITIONS
LEAD FREE FINISH
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE
RANGE
LTC5800IWR-IPRA#PBF
LTC5800WR-IPRA
72-Lead (10mm
× 10mm × 0.85mm) Plastic QFN
–40°C to 85°C
LTC5800IWR-IPRB#PBF
LTC5800WR-IPRB
72-Lead (10mm
× 10mm × 0.85mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. For a description of the dash options see the IP Manager Options section.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
The l denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C. VSUPPLY = 3.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSUPPLY
Supply Voltage
Including Noise and Load Regulation
l
2.1
3.76
V
Supply Noise
Requires Recommended RLC Filter, 50Hz to 2MHz l
250
mV
Operating Relative Humidity
Non-Condensing
l
10
90
% RH
Temperature Ramp Rate While Operating
in Network
l
–8
8
°C/Min


Similar Part No. - LTC5800-IPR_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5800-IPR LINER-LTC5800-IPR Datasheet
868Kb / 28P
   2.4 GHz 802.15.4 EternaTM Embedded Network Manager-on-Chip
More results

Similar Description - LTC5800-IPR_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5902-IPR LINER-LTP5902-IPR_15 Datasheet
1Mb / 32P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTP5901-IPR LINER-LTP5901-IPR_15 Datasheet
1Mb / 32P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTP5901-IPR LINER-LTP5901-IPR Datasheet
1Mb / 34P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTP5903-WHR LINER-LTP5903-WHR_15 Datasheet
842Kb / 20P
   SmartMesh WirelessHART Network Manager Wireless Embedded Network Manager
LTP5902-IPM LINER-LTP5902-IPM_15 Datasheet
732Kb / 32P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTP5901-IPM LINER-LTP5901-IPM Datasheet
723Kb / 36P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTP5901-IPM LINER-LTP5901-IPM_15 Datasheet
732Kb / 32P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTC5800-IPM LINER-LTC5800-IPM_15 Datasheet
1Mb / 32P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote-on-Chip
logo
Level One
IAT-1900 LVL1-IAT-1900 Datasheet
229Kb / 2P
   IP Audiocast Manager
IAT-1920 LVL1-IAT-1920 Datasheet
229Kb / 2P
   IP Audiocast Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com