Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPDM302PH Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPDM302PH
Description  SURFACE MOUNT SILICON ENHANCEMENT-MODE P-CHANNEL MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPDM302PH Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPDM302PH_15 Datasheet HTML 1Page - Central Semiconductor Corp CMPDM302PH_15 Datasheet HTML 2Page - Central Semiconductor Corp CMPDM302PH_15 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMPDM302PH
SURFACE MOUNT SILICON
ENHANCEMENT-MODE
P-CHANNEL MOSFET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPDM302PH is
a high current P-channel enhancement-mode silicon
MOSFET, manufactured by the P-channel DMOS
process, and is designed for high speed pulsed
amplifier and driver applications. This MOSFET offers
high current, low rDS(ON), low threshold voltage, and
low leakage current.
MARKING CODE: 302C
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
12
V
Continuous Drain Current (Steady State)
ID
2.4
A
Maximum Pulsed Drain Current, tp=10μs
IDM
9.6
A
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR
VGS=12V, VDS=0
100
nA
IDSS
VDS=20V, VGS=0
1.0
μA
BVDSS
VGS=0, ID=250μA
30
V
VGS(th)
VGS=VDS, ID=250μA
0.7
1.4
V
rDS(ON)
VGS=4.5V, ID=1.2A
0.050
0.091
Ω
rDS(ON)
VGS=2.5V, ID=1.2A
0.066
0.129
Ω
gFS
VDS=5.0V, ID=2.4A
4.6
S
Crss
VDS=10V, VGS=0, f=1.0MHz
69
pF
Ciss
VDS=10V, VGS=0, f=1.0MHz
800
pF
Coss
VDS=10V, VGS=0, f=1.0MHz
62
pF
Qg(tot)
VDD=10V, VGS=5.0V, ID=2.4A
7.0
9.6
nC
Qgs
VDD=10V, VGS=5.0V, ID=2.4A
1.4
4.2
nC
Qgd
VDD=10V, VGS=5.0V, ID=2.4A
1.5
2.6
nC
ton
VDD=10V, ID=2.4A, RG=10Ω
12
ns
toff
VDD=10V, ID=2.4A, RG=10Ω
17
ns
FEATURES:
Low rDS(ON) (0.129Ω MAX @ VGS=2.5V)
High current (ID=2.4A)
Logic level compatibility
APPLICATIONS:
Load/Power switches
Power supply converter circuits
Battery powered portable equipment
SOT-23F CASE
R2 (24-February 2014)
www.centr a lsemi.com


Similar Part No. - CMPDM302PH_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPDM302PH CENTRAL-CMPDM302PH_12 Datasheet
353Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results

Similar Description - CMPDM302PH_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM8120TG CENTRAL-CMLDM8120TG_15 Datasheet
530Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CEDM8004 CENTRAL-CEDM8004_12 Datasheet
457Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CXDM4060P CENTRAL-CXDM4060P_15 Datasheet
854Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CEDM8004VL CENTRAL-CEDM8004VL Datasheet
956Kb / 4P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM302PH CENTRAL-CMPDM302PH Datasheet
349Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMUDM8005 CENTRAL-CMUDM8005_13 Datasheet
837Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM8120 CENTRAL-CMLDM8120_15 Datasheet
532Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM202PH CENTRAL-CMPDM202PH_15 Datasheet
353Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7590 CENTRAL-CTLDM7590_15 Datasheet
1Mb / 3P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM8002A-M621 CENTRAL-CTLDM8002A-M621_15 Datasheet
1Mb / 4P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CWDM305P CENTRAL-CWDM305P_15 Datasheet
652Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com