Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-409-4SMA Datasheet(PDF) 2 Page - Tyco Electronics

Part # DS-409-4SMA
Description  Four-Way Power Divider 10 - 2000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS-409-4SMA Datasheet(HTML) 2 Page - Tyco Electronics

  DS-409-4SMA Datasheet HTML 1Page - Tyco Electronics DS-409-4SMA Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
6-41
Four-Way Power Divider
DS-409-4
V2.00
Typical Performance
INSERTION LOSS
ISOLATION
INPUT VSWR
OUTPUT VSWR


Similar Part No. - DS-409-4SMA

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-409-4SMA MA-COM-DS-409-4SMA Datasheet
77Kb / 2P
   Four -Way Power Divider, 10 - 2000 MHz
More results

Similar Description - DS-409-4SMA

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-409-4 MA-COM-DS-409-4 Datasheet
77Kb / 2P
   Four -Way Power Divider, 10 - 2000 MHz
DS-4-4 MA-COM-DS-4-4 Datasheet
72Kb / 2P
   Broadband Four -Way Power Divider, 2 - 2000 MHz
logo
Tyco Electronics
DS-4-4 MACOM-DS-4-4 Datasheet
101Kb / 2P
   Broadband Four-Way Power Divider 2 - 2000 MHz
DSS-313 MACOM-DSS-313 Datasheet
106Kb / 2P
   Two-Way Power Divider 10 - 2000 MHz
logo
M/A-COM Technology Solu...
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
   Two-Way Power Divider, 10 - 2000 MHz
DS-312 MA-COM-DS-312 Datasheet
94Kb / 3P
   Four-Way Power Divider, 10 - 500 MHz
logo
Tyco Electronics
PD10-0042-S MACOM-PD10-0042-S Datasheet
16Kb / 1P
   Two-Way In-Phase Power Divider 10-2000 MHz
DS-332 MACOM-DS-332 Datasheet
117Kb / 2P
   Two-Way Power Divider 1000 - 2000 MHz
logo
M/A-COM Technology Solu...
DS-112-DS-312 MA-COM-DS-112-DS-312 Datasheet
94Kb / 3P
   Four-Way Power Divider
DS-409-4 MA-COM-DS-409-4 Datasheet
77Kb / 2P
   Four -Way Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com