Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-4-4N Datasheet(PDF) 2 Page - Tyco Electronics

Part # DS-4-4N
Description  Broadband Four-Way Power Divider 2 - 2000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS-4-4N Datasheet(HTML) 2 Page - Tyco Electronics

  DS-4-4N Datasheet HTML 1Page - Tyco Electronics DS-4-4N Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
6-19
Broadband Four-Way Power Divider
DS-4-4
V2.00
Typical Performance
INSERTION LOSS
ISOLATION
VSWR


Similar Part No. - DS-4-4N

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-4-4N MA-COM-DS-4-4N Datasheet
72Kb / 2P
   Broadband Four -Way Power Divider, 2 - 2000 MHz
More results

Similar Description - DS-4-4N

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-4-4 MA-COM-DS-4-4 Datasheet
72Kb / 2P
   Broadband Four -Way Power Divider, 2 - 2000 MHz
logo
Tyco Electronics
DS-409-4 MACOM-DS-409-4 Datasheet
141Kb / 2P
   Four-Way Power Divider 10 - 2000 MHz
logo
M/A-COM Technology Solu...
DS-409-4 MA-COM-DS-409-4 Datasheet
77Kb / 2P
   Four -Way Power Divider, 10 - 2000 MHz
DS-4-4 MA-COM-DS-4-4 Datasheet
72Kb / 2P
   Broadband Four -Way Power Divider
DS-808-4 MA-COM-DS-808-4 Datasheet
66Kb / 2P
   Broadband Eight -Way Power Divider, 20 - 2000 MHz
logo
Tyco Electronics
DS-808-4 MACOM-DS-808-4 Datasheet
135Kb / 2P
   Broadband Eight-Way Power Divider 20 - 2000 MHz
logo
M/A-COM Technology Solu...
H-8-4 MA-COM-H-8-4 Datasheet
71Kb / 2P
   Broadband Two-Way Power Divider, 2 MHz - 2 GHz
logo
Tyco Electronics
H-8-4 MACOM-H-8-4 Datasheet
131Kb / 2P
   Broadband Two-Way Power Divider 2 MHz - 2 GHz
DS-332 MACOM-DS-332 Datasheet
117Kb / 2P
   Two-Way Power Divider 1000 - 2000 MHz
DSS-313 MACOM-DSS-313 Datasheet
106Kb / 2P
   Two-Way Power Divider 10 - 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com