Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6241 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6241
Description  Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6241 Datasheet(HTML) 2 Page - Linear Technology

  LTC6241_15 Datasheet HTML 1Page - Linear Technology LTC6241_15 Datasheet HTML 2Page - Linear Technology LTC6241_15 Datasheet HTML 3Page - Linear Technology LTC6241_15 Datasheet HTML 4Page - Linear Technology LTC6241_15 Datasheet HTML 5Page - Linear Technology LTC6241_15 Datasheet HTML 6Page - Linear Technology LTC6241_15 Datasheet HTML 7Page - Linear Technology LTC6241_15 Datasheet HTML 8Page - Linear Technology LTC6241_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC6240/LTC6241/LTC6242
2
624012fe
Total Supply Voltage (V+ to V)
LTC6240/LTC6241/LTC6242 ...................................7V
LTC6240HV/LTC6241HV/LTC6242HV.................... 12V
Input Voltage.......................... (V+ + 0.3V) to (V– 0.3V)
Input Current........................................................ ±10mA
Output Short-Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range
LTC6240C/LTC6241C/LTC6242C..........–40°C to 85°C
LTC6240I/LTC6241I/LTC6242I .............–40°C to 85°C
LTC6240H/LTC6241H/LTC6242H ....... –40°C to 125°C
(Note 1)
Specified Temperature Range (Note 3)
LTC6240C/LTC6241C/LTC6242C.............. 0°C to 70°C
LTC6240I/LTC6241I/LTC6242I .............–40°C to 85°C
LTC6240H/LTC6241H/LTC6242H ....... –40°C to 125°C
Junction Temperature ........................................... 150°C
DHC, DD Package ............................................. 125°C
Storage Temperature Range .................. –65°C to 150°C
DHC, DD Package .............................. –65°C to 125°C
Lead Temperature (Soldering, 10 sec)................... 300°C
ABSOLUTE MAXIMUM RATINGS
LTC6240
LTC6240
OUT 1
V2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
+IN 3
5 V+
4 –IN
TJMAX = 150°C, θJA = 250°C/W
1
2
3
4
8
7
6
5
TOP VIEW
NC
V+
OUT
NC
NC
–IN
+IN
V
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 190°C/W
LTC6241
LTC6241
TOP VIEW
DD PACKAGE
8-LEAD (3mm
3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V
V+
OUT B
–IN B
+IN B
B
A
TJMAX = 125°C, θJA = 43°C/W
UNDERSIDE METAL CONNECTED TO V
(PCB CONNECTION OPTIONAL)
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V
S8 PACKAGE
8-LEAD PLASTIC SO
B
A
TJMAX = 150°C, θJA = 190°C/W
LTC6242
LTC6242
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
NC
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
TOP VIEW
DHC PACKAGE
16-LEAD (5mm
3mm) PLASTIC DFN
B
A
C
D
TJMAX = 125°C, θJA = 43°C/W
UNDERSIDE METAL CONNECTED TO V(PCB CONNECTION OPTIONAL)
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
NC
B
A
C
D
TJMAX = 150°C, θJA = 135°C/W
PIN CONFIGURATION


Similar Part No. - LTC6241_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6241CDD LINER-LTC6241CDD Datasheet
490Kb / 24P
   Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
LTC6241CDD LINER-LTC6241CDD Datasheet
522Kb / 28P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6241CS8 LINER-LTC6241CS8 Datasheet
490Kb / 24P
   Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
LTC6241CS8 LINER-LTC6241CS8 Datasheet
522Kb / 28P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6241HS8 LINER-LTC6241HS8 Datasheet
522Kb / 28P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
More results

Similar Description - LTC6241_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6240 LINER-LTC6240_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LTC6240 LINER-LTC6240 Datasheet
522Kb / 28P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6241 LINER-LTC6241 Datasheet
490Kb / 24P
   Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
logo
Linear Technology
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com