Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS-327 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. DS-327
Description  Flatpack Two-Way Power Divider 5 - 1000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

DS-327 Datasheet(HTML) 1 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Flatpack Two-Way Power Divider
5 - 1000 MHz
DS-327
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V2.00
1
23
4
5
67
8
PIN 0.015 DIA
±0.005
(0.038
±0.13)
8 PLACES
0.312 MIN TYP
(7.9 MIN)
0.385
± 0.020
(9.8
± 0.5)
0.080 (2.0)
0.100 (2.5)
0.250 (6.3)
0.350 (8.9)
0.51
(12.9
±0.5)
0.150 MAX
(3.8 MAX)
0.060 (1.5)
FP-2
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ± 0.010 (.xx = ± 0.25)
.xx = ± 0.02 (.x = ± 0.5)
WEIGHT (APPROX.): 0.09 OUNCES 2.5 GRAMS
Features
Broadband, IN Phase Divider
Low Loss - 0.3 dB Typical
Amplitude Balance - 0.05 dB Typical
q
q
q
Guaranteed Specifications *
Operating Characteristics
Typical Performance
Ordering Information
MIL-STD-883 screening available.
* All specifications apply with 50 ohm source and load impedance.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn