Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS-324 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. DS-324
Description  Flatpack Four-Way Power Divider 25 - 1000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

DS-324 Datasheet(HTML) 1 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
6-34
Flatpack Four-Way Power Divider
25 - 1000 MHz
DS-324
V2.00
Typical Performance
q
q
q
Features
0.5 dB Typical Midband Insertion Loss
38 dB Typical Midband Isolation
1.2:1 Typical Midband VSWR
Guaranteed Specifications1
(from -55°C to +85°C)
Frequency Range
25-1000 MHz
Insertion Loss
25-500 MHz
0.75 dB Max
(Less Coupling)
25-1000 MHz
1.0 dB Max
Isolation
25-1000 MHz
20 dB Min
Amplitude Balance 25-1000 MHz
0.25 dB Max
Phase Balance
25-500 MHz
3° Max
500-1000 MHz
6° Max
VSWR (All Ports)
In
1.3:1 Max
Out
1.4:1 Max
Operating Characteristics
Impedance
50 Ohms Nominal
Maximum Power Rating
or Input Power
1.0 Watt Max
Internal Load Dissipation
0.05 Watt Max
Environmental
MIL-STD-883 screening available.
Pin Configuration
IN; P4
Outputs; P8, P10, P12 & P14
All other pins and case are ground
1. All specifications apply with 50 ohm source and load impedance.
Ordering Information
Model Number
Package
DS-324 PIN
Flatpack
FP-5
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ± 0.010 (.xx = ± 0.25)
.xx = ± 0.02 (.x = ± 0.5)
Weight (approx.): 0.21 ounces 6 grams
INSERTION LOSS
1.0
0.75
0.5
0.25
7.0
6.75
6.5
6.25
10
30
100 300
500
1000
1500
FREQUENCY MHz
ISOLATION
50
40
30
20
10
30
100 300
500
1000
1500
FREQUENCY MHz
VSWR
1.6
1.4
1.2
1.0
10
30
100 300
500
1000
1500
FREQUENCY MHz


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn