Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1301V Datasheet(PDF) 5 Page - New Japan Radio

Part # NJG1301V
Description  MEDIUM POWER AMPLIFIER GaAs MMIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1301V Datasheet(HTML) 5 Page - New Japan Radio

  NJG1301V Datasheet HTML 1Page - New Japan Radio NJG1301V Datasheet HTML 2Page - New Japan Radio NJG1301V Datasheet HTML 3Page - New Japan Radio NJG1301V Datasheet HTML 4Page - New Japan Radio NJG1301V Datasheet HTML 5Page - New Japan Radio NJG1301V Datasheet HTML 6Page - New Japan Radio NJG1301V Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NJG1301V
- 5 -
nRECOMMENDED CIRCUIT
V TYPE
nRECOMMENDED PCB DESIGN
RFin
VGG
C1: 1000pF
C2: 33pF
C3: 1uF
C4: 2.2nH
14
1
8
7
RFin
GND
VGG1
GND
VGG2
GND
GND
RFout
GND
VDD2
GND
VDD1
GND
GND
C2
C1
C2
C1
C3
C2
C1
C2
C1
C3
L1
VDD
(3.0~5.0V)
RFout
(-0.5 ~ -1.2V)
IDD=0 @VGG -2V
<
1uF
2.2nH
1uF
PCB : FR4
t=0.2mm
CAPACITOR
MURATA
GRM39 Series
INDUCTOR
TAIYO-YUDEN HK1608 Series


Similar Part No. - NJG1301V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1302V NJRC-NJG1302V Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1302V-C1 NJRC-NJG1302V-C1 Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1302V-C2 NJRC-NJG1302V-C2 Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1302V-C3 NJRC-NJG1302V-C3 Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1302V-L1 NJRC-NJG1302V-L1 Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1301V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1304E NJRC-NJG1304E Datasheet
109Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1302V NJRC-NJG1302V Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
logo
Analog Devices
HMC441LH5 AD-HMC441LH5 Datasheet
1Mb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH318 AD-HMC-AUH318 Datasheet
296Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH320 AD-HMC-AUH320 Datasheet
354Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH633 AD-HMC-APH633 Datasheet
216Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC383 AD-HMC383 Datasheet
286Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451 AD-HMC451 Datasheet
299Kb / 6P
   GAAS PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LC3B AD-HMC441LC3B Datasheet
1Mb / 7P
   GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LP3E AD-HMC441LP3E Datasheet
1Mb / 7P
   GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com