Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1301V Datasheet(PDF) 4 Page - New Japan Radio

Part # NJG1301V
Description  MEDIUM POWER AMPLIFIER GaAs MMIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1301V Datasheet(HTML) 4 Page - New Japan Radio

  NJG1301V Datasheet HTML 1Page - New Japan Radio NJG1301V Datasheet HTML 2Page - New Japan Radio NJG1301V Datasheet HTML 3Page - New Japan Radio NJG1301V Datasheet HTML 4Page - New Japan Radio NJG1301V Datasheet HTML 5Page - New Japan Radio NJG1301V Datasheet HTML 6Page - New Japan Radio NJG1301V Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NJG1301V
- 4 -
nTYPICAL CHARACTERISTICS
20
21
22
23
24
25
1.89
1.90
1.91
1.92
Gain vs. PHS Band Frequency
Frequency f (GHz)
(V
DD
=3.0V, I
DD
=170mA, V
GG
=-0.71V, T
a
=25
oC)
-30
-20
-10
0
10
20
0.0
1.0
2.0
3.0
|S
11
|, |S
22
| vs. Frequency
Frequency f (GHz)
(V
DD
=3.0V, I
DD
=170mA, T
a
=25
oC)
|S
11
|
|S
22
|
-10
-5
0
5
10
15
20
25
0
50
100
150
200
250
300
350
-25
-20
-15
-10
-5
0
5
10
Input Power P
in
(dBm)
Output Power,Total Current vs. Input Power
( V
DD
=3V, f=1.9GHz, T
a
=25
oC )
Output Power @I
idle
=80mA
60mA
40mA
20mA
Total Current
@I
idle
=80mA
60mA
40mA
20mA
-10
-5
0
5
10
15
20
25
0
10
20
30
40
50
60
70
-25
-20
-15
-10
-5
0
5
10
Input Power P
in
(dBm)
Output Power,P.A.E. vs. Input Power
( V
DD
=3V, f=1.9GHz, T
a
=25
oC )
Output Power @I
idle
=80mA
60mA
40mA
20mA
P.A.E.
@I
idle
=80mA
60mA
40mA
20mA


Similar Part No. - NJG1301V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1302V NJRC-NJG1302V Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1302V-C1 NJRC-NJG1302V-C1 Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1302V-C2 NJRC-NJG1302V-C2 Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1302V-C3 NJRC-NJG1302V-C3 Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1302V-L1 NJRC-NJG1302V-L1 Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1301V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1304E NJRC-NJG1304E Datasheet
109Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1302V NJRC-NJG1302V Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
logo
Analog Devices
HMC441LH5 AD-HMC441LH5 Datasheet
1Mb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH318 AD-HMC-AUH318 Datasheet
296Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH320 AD-HMC-AUH320 Datasheet
354Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH633 AD-HMC-APH633 Datasheet
216Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC383 AD-HMC383 Datasheet
286Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451 AD-HMC451 Datasheet
299Kb / 6P
   GAAS PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LC3B AD-HMC441LC3B Datasheet
1Mb / 7P
   GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LP3E AD-HMC441LP3E Datasheet
1Mb / 7P
   GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com