Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3586 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3586
Description  High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3586_15 Datasheet HTML 4Page - Linear Technology LTC3586_15 Datasheet HTML 5Page - Linear Technology LTC3586_15 Datasheet HTML 6Page - Linear Technology LTC3586_15 Datasheet HTML 7Page - Linear Technology LTC3586_15 Datasheet HTML 8Page - Linear Technology LTC3586_15 Datasheet HTML 9Page - Linear Technology LTC3586_15 Datasheet HTML 10Page - Linear Technology LTC3586_15 Datasheet HTML 11Page - Linear Technology LTC3586_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC3586/LTC3586-1

3586fb
Typical perForMance characTerisTics
Battery Charge Current
vs Temperature
Battery Charger Float Voltage
vs Temperature
Low-Battery (Instant On) Output
Voltage vs Temperature
Oscillator Frequency
vs Temperature
VBUS Quiescent Current
vs Temperature
VBUS Quiescent Current in
Suspend vs Temperature
TEMPERATURE (°C)
–40
0
100
200
300
400
0
40
80
120
3586 G13
500
600
–20
20
60
100
THERMAL REGULATION
RPROG = 2k
10x MODE
TEMPERATURE (°C)
–40
4.19
4.20
60
3586 G14
4.18
4.17
–15
10
35
85
4.21
TEMPERATURE (°C)
–40
3.64
3.66
60
3586 G15
3.62
3.60
–15
10
35
85
3.68
BAT = 2.7V
IVOUT = 100mA
5x MODE
TEMPERATURE (°C)
–40
2.2
2.4
60
3586 G16
2.0
1.8
–15
10
35
85
2.6
VBUS = 5V
BAT = 3.6V
VBUS = 0V
BAT = 3V
VBUS = 0V
BAT = 2.7V
VBUS = 0V
TEMPERATURE (°C)
–40
9
12
60
3586 G17
6
3
–15
10
35
85
15
VBUS = 5V
IVOUT = 0µA
5x MODE
1x MODE
TEMPERATURE (°C)
–40
50
60
60
3586 G18
40
30
–15
10
35
85
70
IVOUT = 0µA
CHRG Pin Current vs Voltage
(Pull-Down State)
3.3V LDO Step Response
(5mA to 15mA)
Battery Drain Current
vs Temperature
CHRG PIN VOLTAGE (V)
0
60
80
100
4
3586 G19
40
20
0
1
2
3
5
VBUS = 5V
BAT = 3.8V
ILDO3V3
5mA/DIV
0mA
20µs/DIV
BAT = 3.8V
3586 G20
VLDO3V3
20mV/DIV
AC COUPLED
TEMPERATURE (°C)
–40
30
40
50
60
3586 G21
20
10
0
–15
10
35
85
BAT = 3.8V
VBUS = 0V
ALL REGULATORS OFF
(TA = 25°C unless otherwise noted)


Similar Part No. - LTC3586_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3586-1 LINER-LTC3586-1 Datasheet
315Kb / 36P
   High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-1 LINER-LTC3586-1 Datasheet
570Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3586-1 LINER-LTC3586-1 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
LTC3586-1 LINER-LTC3586-1 Datasheet
517Kb / 38P
   Power Management Solution for Application Processors
LTC3586-1 LINER-LTC3586-1 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
More results

Similar Description - LTC3586_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3586-3 LINER-LTC3586-3_15 Datasheet
699Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-1 LINER-LTC3586-1_15 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586 LINER-LTC3586 Datasheet
315Kb / 36P
   High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3566-2 LINER-LTC3566-2_15 Datasheet
282Kb / 28P
   High Efficiency USB Power Manager Plus 1A Buck-Boost Converter
LTC3566 LINER-LTC3566_15 Datasheet
282Kb / 28P
   High Efficiency USB Power Manager Plus 1A Buck-Boost Converter
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTC3567 LINER-LTC3567 Datasheet
273Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTC3567 LINER-LTC3567_15 Datasheet
281Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com