Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG1023UV Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMG1023UV
Description  DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG1023UV Datasheet(HTML) 1 Page - Diodes Incorporated

  DMG1023UV_15 Datasheet HTML 1Page - Diodes Incorporated DMG1023UV_15 Datasheet HTML 2Page - Diodes Incorporated DMG1023UV_15 Datasheet HTML 3Page - Diodes Incorporated DMG1023UV_15 Datasheet HTML 4Page - Diodes Incorporated DMG1023UV_15 Datasheet HTML 5Page - Diodes Incorporated DMG1023UV_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMG1023UV
Document number: DS31975 Rev. 6 - 2
1 of 6
www.diodes.com
April 2015
© Diodes Incorporated
DMG1023UV
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Features
Dual P-Channel MOSFET
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Ultra-Small Surface Mount Package
ESD Protected Up To 3KV
Lead Free By Design/RoHS Compliant (Note 1)
Halogen and Antimony Free "Green" Device (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT563
Case Material:
Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram Below
Terminals: Finish - Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.006 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
DMG1023UV-7
SOT563
3,000 / Tape & Reel
DMG1023UV-13
SOT563
10,000 / Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. No purposely added lead. Halogen and Antimony free.
2.
Diodes Inc.`s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2008
2009
2010
2011
2012
2013
2014
2015
2016
2017
Code
V
W
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Top View
Bottom View
S
1
D
1
D
2
S
2
G
1
G
2
PA1 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: W = 2009)
M = Month (ex: 9 = September)
PA1
YM
ESD PROTECTED TO 3kV
SOT563


Similar Part No. - DMG1023UV_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1023UV-7 DIODES-DMG1023UV-7 Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UVQ DIODES-DMG1023UVQ Datasheet
471Kb / 7P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
July 2021 Rev. 5 - 2
DMG1023UVQ-13 DIODES-DMG1023UVQ-13 Datasheet
471Kb / 7P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
July 2021 Rev. 5 - 2
DMG1023UVQ-7 DIODES-DMG1023UVQ-7 Datasheet
471Kb / 7P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
July 2021 Rev. 5 - 2
More results

Similar Description - DMG1023UV_15

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com